Electronic Components Datasheet Search
  English  ▼

X  

AD723 Datasheet(PDF) 19 Page - Analog Devices

Part # AD723
Description  2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD723 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD723 Datasheet HTML 12Page - Analog Devices AD723 Datasheet HTML 13Page - Analog Devices AD723 Datasheet HTML 14Page - Analog Devices AD723 Datasheet HTML 15Page - Analog Devices AD723 Datasheet HTML 16Page - Analog Devices AD723 Datasheet HTML 17Page - Analog Devices AD723 Datasheet HTML 18Page - Analog Devices AD723 Datasheet HTML 19Page - Analog Devices AD723 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. 0
AD723
–19–
HSYNC
VSYNC
CSYNC
Figure 14. Sync Logic Levels (Equalization and Serration Pulses Not Shown)
SYNCHRONIZING SIGNALS
The AD723 requires explicit horizontal and vertical synchroniz-
ing signals for proper operation. This information cannot and
should not be incorporated in any of the RGB signals. However,
the synchronizing information can be provided as either separate
horizontal (HSYNC) and vertical (VSYNC) signals or as a single
composite sync (CSYNC) signal.
Internally the AD723 requires a composite sync logic signal that
is mostly high and goes low during horizontal sync time. The
vertical interval will have an inverted duty cycle from this. This
signal should occur at the output of an on-chip XNOR gate on
the AD723 whose two inputs are HSYNC (Pin 15) and VSYNC
(Pin 16). There are several options for meeting these conditions.
The first is to have separate signals for HSYNC and VSYNC.
Each should be mostly low and then high-going during their
respective time of assertion. This is the convention used by RGB
monitors for most PCs. The proper composite sync signal will
be produced by the on-chip XNOR gate when using these inputs.
If a composite sync signal is already available, it can be input
into HSYNC (Pin 15), while VSYNC (Pin 16) can be used to
change the polarity. (In actuality, HSYNC and VSYNC are
interchangeable since they are symmetric inputs to a two-
input gate).
If the composite sync input is mostly high and then low going
for active HSYNC time (and inverted duty cycle during VSYNC),
then it is already of the proper polarity. Pulling VSYNC high,
while inputting the composite sync signal to HSYNC will pass
this signal though the XNOR gate without inversion.
On the other hand, if the composite sync signal is the opposite
polarity as described above, pulling VSYNC low will cause the
XNOR gate to invert the signal. This will make it the proper
polarity for use inside the AD723. These logic conditions are
illustrated in Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com