Electronic Components Datasheet Search
  English  ▼

X  

AD723 Datasheet(PDF) 15 Page - Analog Devices

Part # AD723
Description  2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD723 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD723 Datasheet HTML 11Page - Analog Devices AD723 Datasheet HTML 12Page - Analog Devices AD723 Datasheet HTML 13Page - Analog Devices AD723 Datasheet HTML 14Page - Analog Devices AD723 Datasheet HTML 15Page - Analog Devices AD723 Datasheet HTML 16Page - Analog Devices AD723 Datasheet HTML 17Page - Analog Devices AD723 Datasheet HTML 18Page - Analog Devices AD723 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
AD723
–15–
SVGA MONITOR
TELEVISION
I/O
CONTROLLER
HSYNC
VSYNC
RED
GREEN
BLUE
GRAPHICS
SUBSYSTEM
VCC
GPO
GPI
GPO
GPO
GPO
CE
TERM
TVDET
SA
STND
COMPOSITE
VIDEO
S-VIDEO
(Y/C VIDEO)
AD723
Y
YSET
C
CSET
CV
CVSET
OPTIONAL
3V
3V
0.1 F
0.1 F
+
VCC
75
0.1 F
0.1 F
75
75
0.1 F
375
300
375
300
375
300
0.1 F
10 F
DDCSCL 5V
DDCSDL 5V
VCC
ESD
PROTECTION
PI FILTER
Figure 8. PC Interface (Using Switch Input Termination)
R1
1M
Y1
TO PIN 17
OF AD723
U1A
U1B
R2
200
C2
60pF
C1
47pF
C3
~15pF
(OPT)
TO OTHER
DEVICE CLOCKS
HC04
HC04
Figure 9. Low Cost Crystal Oscillator
The crystal should be a parallel resonant type at the appropriate
frequency (NTSC/PAL, 4FSC). The series combination of C1 and
C2 should be approximately equal to the crystal manufacturer’s
specification for the parallel capacitance required for the crystal
to operate at its specified frequency. C1 will usually want to be a
somewhat smaller value because of the input parasitic capacitance
of the inverter. If it is desired to tune the frequency to greater
accuracy, C1 can be made still smaller and a parallel adjust-
able capacitor can be used to adjust the frequency to the
desired accuracy.
Resistor R2 serves to provide the additional phase shift required
by the circuit to sustain oscillation. It can be sized by R2 =
1/(2
× π × f × C2). Other functions of R2 are to provide a low-
pass filter that suppresses oscillations at harmonics of the
fundamental of the crystal and to isolate the output of the inverter
from the resonant load that the crystal network presents.
The basic oscillator described above is buffered by U1B to drive
the AD723 4FSC pin and other devices in the system. For a
system that requires both an NTSC and PAL oscillator, the
circuit can be duplicated by using a different pair of inverters
from the same package.
Dot Crawl
Numerous distortions are apparent in the presentation of com-
posite signals on TV monitors. These effects will vary in degree,
depending on the circuitry used by the monitor to process the
signal and on the nature of the image being displayed. It is
generally not possible to produce pictures on a composite moni-
tor that are as high quality as those produced by standard quality
RGB, VGA monitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com