Electronic Components Datasheet Search
  English  ▼

X  

AD7302 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7302
Description  2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7302 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7302 Datasheet HTML 3Page - Analog Devices AD7302 Datasheet HTML 4Page - Analog Devices AD7302 Datasheet HTML 5Page - Analog Devices AD7302 Datasheet HTML 6Page - Analog Devices AD7302 Datasheet HTML 7Page - Analog Devices AD7302 Datasheet HTML 8Page - Analog Devices AD7302 Datasheet HTML 9Page - Analog Devices AD7302 Datasheet HTML 10Page - Analog Devices AD7302 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Performance Characteristics–AD7302
SINK CURRENT – mA
800
0
08
24
6
720
400
240
160
80
640
560
320
480
VDD = 5V AND 3V
INTERNAL REFERENCE
TA = +25 C
DAC LOADED WITH 00HEX
Figure 2. Output Sink Current Capa-
bility with VDD = 3 V and VDD = 5 V
REFERENCE VOLTAGE – Volts
0.5
0
1.0 1.2
2.8
1.4
1.6
1.8
2.2
2.4
2.6
2.0
0.45
0.25
0.15
0.1
0.05
0.4
0.35
0.2
0.3
VDD = 5V
TA = +25 C
INL ERROR
DNL ERROR
Figure 5. Relative Accuracy vs.
External Reference
FREQUENCY – Hz
1
10
10k
100
1k
10
5
–40
0
–5
–10
–15
–20
–25
–30
–35
VDD = 5V
EXTERNAL SINEWAVE REFERENCE
DAC REGISTER LOADED WITH FFHEX
TA = +25°C
Figure 8. Large Scale Signal
Frequency Response
SOURCE CURRENT – mA
02
8
46
5
4.92
4.2
4.84
4.76
4.68
4.6
4.52
4.44
4.36
4.28
VDD = 5V
INTERNAL REFERENCE
DAC REGISTER LOADED
WITH FFHEX
TA = +25°C
Figure 3. Output Source Current
Capability with VDD = 5 V
–50
–25
100
TEMPERATURE – C
5.0
3.5
2.0
4.5
4.0
3.0
2.5
INTERNAL REFERENCE
LOGIC INPUTS = VDD OR GND
BOTH DACS ACTIVE
VDD = 5.5V
VDD = 3.3V
1.5
1.0
0.5
0
0
255075
125
Figure 6. Typical Supply Current
vs. Temperature
T
←
VOUT
VDD = 3V
INTERNAL VOLTAGE
REFERENCE
FULL SCALE CODE
CHANGE 00H-FFH
TA = +25°C
1
←
3
←
2
←
VOUT
CH1 5V, CH2 1V, CH3 20mV
TIME BASE = 200 ns/Div
WR
Figure 9. Full-Scale Settling Time
SOURCE CURRENT – mA
3.5
1.0
01
8
23
4567
3.25
2.5
2.25
1.75
1.25
3.0
2.75
2.0
1.5
VDD = 3V
INTERNAL REFERENCE
DAC REGISTER LOADED
WITH FFHex
TA = +25°C
Figure 4. Output Source Current
Capability with VDD = 3 V
VDD – Volts
5.0
3.0
1.0
4.0
2.5
3.0
5.5
3.5
4.0
4.5
5.0
LOGIC INPUTS = VDD OR GND
LOGIC INPUTS = VIH OR VIL
BOTH DACS ACTIVE
INTERNAL REFERENCE USED
TA = +25°C
2.0
6.0
7.0
Figure 7. Typical Supply Current
vs. Supply Voltage
PD
VOUT
AD7302 POWER-UP TIME
VDD = 5V
INTERNAL REFERENCE
DAC IN POWER-DOWN INITIALLY
1
2
CH1 = 2V/div, CH2 = 5V/Div,
TIME BASE = 2 µs/Div
Figure 10. Exiting Power-Down (Full
Power-Down)
–7–
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com