Electronic Components Datasheet Search
  English  ▼

X  

AD7302 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7302
Description  2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7302 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7302 Datasheet HTML 4Page - Analog Devices AD7302 Datasheet HTML 5Page - Analog Devices AD7302 Datasheet HTML 6Page - Analog Devices AD7302 Datasheet HTML 7Page - Analog Devices AD7302 Datasheet HTML 8Page - Analog Devices AD7302 Datasheet HTML 9Page - Analog Devices AD7302 Datasheet HTML 10Page - Analog Devices AD7302 Datasheet HTML 11Page - Analog Devices AD7302 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD7302
–8–
REV. 0
1
2
VOB
M20.0ms
VOA
VDD
3
CH1
CH3
5.00V
5.00V
CH2
5.00V
CH1
T
T
T
Figure 11. Power-On—RESET
INPUT CODE (10 to 245)
0
256
32
64
96
128 160
192
224
DAC B
DAC A
VDD = 5V
INTERNAL REFERENCE
5k
Ω 100pf. LOAD
LIMITED CODE RANGE (10–245)
TA = +25°C
–0.5
0.4
0.1
–0.1
–0.3
–0.4
0.3
0.2
0
–0.2
0.5
Figure 14. Integral Linearity Plot
–25
4
0
7
6
2
1
5
3
8
9
10
–50
0
25
50
75
100
125
TEMPERATURE – C
DAC A
DAC B
VDD = 2.7 TO 5.5V
DAC LOADED WITH ALL ZEROES
INTERNAL REFERENCE
Figure 12. Zero Code Error vs.
Temperature
VDD = 5V
INTERNAL REFERENCE
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–60 –40 –20
0
20
40
60
80 100 120 140
TEMPERATURE – C
Figure 15. Typical INL vs. Temperature
2
←
1
←
WR
VOUT
VDD = 5V
INTERNAL VOLTAGE
REFERENCE
10 LSB STEP CHANGE
TA = +25 C
CH1 5.00V, CH2 50.0mV, M 250ns
Figure 13. Small-Scale Settling Time
VDD = 5V
INTERNAL REFERENCE
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–60 –40 –20
0
20
40
60
80 100 120 140
TEMPERATURE – C
Figure 16. Typical DNL vs. Temperature
VDD = 5V
0.6
0.4
0.2
0
–60 –40 –20
0
20
40
60
80 100 120 140
TEMPERATURE – C
0.8
1.0
Figure 17. Typical Internal Reference
Error vs. Temperature
TEMPERATURE – C
0
–50
–25
0
100
125
VDD = 5V
LOGIC INPUTS = VDD OR GND
100
200
300
400
500
600
700
800
900
1000
25
50
75
Figure 18. Power-Down Current vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com