Electronic Components Datasheet Search
  English  ▼

X  

AD7302 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7302
Description  2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7302 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7302 Datasheet HTML 8Page - Analog Devices AD7302 Datasheet HTML 9Page - Analog Devices AD7302 Datasheet HTML 10Page - Analog Devices AD7302 Datasheet HTML 11Page - Analog Devices AD7302 Datasheet HTML 12Page - Analog Devices AD7302 Datasheet HTML 13Page - Analog Devices AD7302 Datasheet HTML 14Page - Analog Devices AD7302 Datasheet HTML 15Page - Analog Devices AD7302 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD7302
–14–
REV. 0
Programmable Current Source
Figure 35 shows the AD7302 used as the control element of a
programmable current source. In this circuit the full-scale
current is set to 1 mA. The output voltage from the DAC is
applied across the current setting resistor of 4.7 k
Ω in series
with the full-scale setting resistor of 470
Ω. Transistors suitable
to place in the feedback loop of the amplifier include the BC107
or the 2N3904, which enable the current source to operate from
a min VSOURCE of 6 V. The operating range is determined by
the operating characteristics of the of the transistor. Suitable
amplifiers include the AD820 and the OP295 both having rail-
to-rail operation on their outputs. The current for any digital
input code can be calculated as follows:
I = 2
× V
REF × D/(5E +3 × 256) mA
AD7302
VOUTA
10µF
0.1µF
VDD = 5V
VDD
AGND
AD780/REF192
WITH VDD = 5V
REF IN
GND
VOUT
VIN
0.1µF
EXT REF
4.7k
Ω
470
Ω
+5V
LOAD
VSOURCE
AD820/
OP295
DGND
Figure 35. Programmable Current Source
Coarse and Fine Adjustment Using the AD7302
The DACs on the AD7302 can be paired together to form a
coarse and fine adjustment function as shown in Figure 36. In
this circuit DAC A is used to provide the coarse function while
DAC B is used to provide the fine adjustment. Varying the ratio
of R1 and R2 will vary the relative effect of the coarse and fine
tune elements in the circuit. For the resistor values shown
DAC B has a resolution of 148
µV giving a fine tune range of
approximately 2 LSBs for operation with a VDD of 5 V and a
reference of 2.5 V. The amplifiers shown allow a rail-to-rail
output voltage to be achieved on the output. A typical applica-
tion for such a circuit would be in a setpoint controller.
AD7302
VOUTA
10µF
0.1µF
VDD = 5V
VDD
AGND
AD780/REF192
WITH VDD = 5V
OR
AD589 WITH VDD = 3V
REF IN
GND
VOUT
VIN
0.1µF
EXT REF
R2
51.2k
Ω
R4
390
Ω
R1
390
Ω
+5V
VOUT
DGND
AD820/
OP295
VOUTB
R3
51.2k
Ω
Figure 36. Coarse/Fine Adjust Circuit
Power Supply Bypassing and Grounding
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board on which the
AD7302 is mounted should be designed so the analog and
digital sections are separated and confined to certain areas of the
board. If the AD7302 is in a system where multiple devices
require an AGND to DGND connection, the connection should
be made at one point only, a star ground point that should be
established as closely as possible to the AD7302. The AD7302
should have ample supply bypassing of 10
µF in parallel with
0.1
µF on the supply located as close to the package as possible,
ideally right up against the device. The 10
µF capacitors are the
tantalum bead type. The 0.1
µF capacitor should have low
Effective Series Resistance (ESR) and Effective Series Induc-
tance (ESI), such as the common ceramic types, which provide
a low impedance path to ground at high frequencies to handle
transient currents due to internal logic switching.
The power supply lines of the AD7302 should use as large a
trace as possible to provide low impedance paths and reduce the
effects of glitches on the power supply line. Fast switching sig-
nals like clocks should be shielded with digital ground to avoid
radiating noise to other parts of the board and should never be
run near the reference inputs. Avoid crossover of digital and
analog signals. Traces on opposite sides of the board should run
at right angles to each other. This reduces the effects of feed-
through through the board. A microstrip technique is by far the
best, but not always possible with a double-sided board. In this
technique, the component side of the board is dedicated to
ground plane while signal traces are placed on the solder side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com