Electronic Components Datasheet Search
  English  ▼

X  

MAX11167 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11167
Description  16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11167 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11167 Datasheet HTML 7Page - Maxim Integrated Products MAX11167 Datasheet HTML 8Page - Maxim Integrated Products MAX11167 Datasheet HTML 9Page - Maxim Integrated Products MAX11167 Datasheet HTML 10Page - Maxim Integrated Products MAX11167 Datasheet HTML 11Page - Maxim Integrated Products MAX11167 Datasheet HTML 12Page - Maxim Integrated Products MAX11167 Datasheet HTML 13Page - Maxim Integrated Products MAX11167 Datasheet HTML 14Page - Maxim Integrated Products MAX11167 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Maxim Integrated │ 11
MAX11166/MAX11167
16-Bit, 500ksps/250ksps, ±5V SAR ADCs
with Internal Reference in TDFN
www.maximintegrated.com
Typical Operating Characteristics—MAX11166 (continued)
OFFSET AND GAIN ERROR
vs. TEMPERATURE
MAX11166 toc26
TEMPERATURE (°C)
60
35
-15
10
-0.5
0
0.5
1.0
-1.0
-40
85
2.0
1.0
-1.0
-2.0
0
OFFSET ERROR (mV)
GAIN ERROR (LSB)
fSAMPLE = 250ksps
VREF = 4.096V
VDD = 5.0V
VOVDD = 3.3V
OUTPUT CODE (DECIMAL)
57344
49152
32768
40960
16384
24576
8192
0
65536
DIFFERENTIAL NONLINEARITY
vs. CODE
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
fSAMPLE = 250ksps
VREF = 4.096V
VDD = 5.0V
VOVDD = 3.3V
TA = +25°C
OFFSET AND GAIN ERROR
vs. SUPPLY VOLTAGE
MAX11166 toc27
VDD (V)
5.15
5.05
4.95
4.85
-0.6
-0.2
0.2
0.6
1.0
-1.0
4.75
5.25
-0.6
-0.2
0.2
0.6
1.0
-1.0
GAIN ERROR (LSB)
OFFSET ERROR (mV)
fSAMPLE = 250ksps
VREF = 4.096V
VOVDD = 3.3V
TA = +25°C
OUTPUT CODE (DECIMAL)
57344
49152
32768
40960
16384
24576
8192
0
65536
INTEGRAL NONLINEARITY vs. CODE
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
fSAMPLE = 250ksps
VREF = 4.096V
VDD = 5.0V
VOVDD = 3.3V
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com