Electronic Components Datasheet Search
  English  ▼

X  

MAX11167 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11167
Description  16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11167 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11167 Datasheet HTML 17Page - Maxim Integrated Products MAX11167 Datasheet HTML 18Page - Maxim Integrated Products MAX11167 Datasheet HTML 19Page - Maxim Integrated Products MAX11167 Datasheet HTML 20Page - Maxim Integrated Products MAX11167 Datasheet HTML 21Page - Maxim Integrated Products MAX11167 Datasheet HTML 22Page - Maxim Integrated Products MAX11167 Datasheet HTML 23Page - Maxim Integrated Products MAX11167 Datasheet HTML 24Page - Maxim Integrated Products MAX11167 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Maxim Integrated │ 21
MAX11166/MAX11167
16-Bit, 500ksps/250ksps, ±5V SAR ADCs
with Internal Reference in TDFN
www.maximintegrated.com
Input Configuration Interface
An SPI interface clocked at up to 50MHz controls the
MAX11166/MAX11167. Input configuration data is clocked
into the configuration register on the falling edge of SCLK
through the DIN pin. The data on DIN is used to program
the ADC configuration register. The construct of this reg-
ister is illustrated in Table 4. The configuration register
defines the output interface mode, the reference mode,
and the power-down state of the MAX11166/MAX11167.
Configuring in CS Mode
Figure 4 details the timing for loading the input configuration
register when the MAX11166/MAX11167 are connected in
CS
mode (see Figure 6 and Figure 8 for hardware connec-
tions). The load process is enabled on the falling edge of
CNVST when SCLK is held high. The configuration data is
clocked into the configuration register through DIN on the
next 8 SCLK falling edges. Pull CNVST high to complete
the input configuration register load process. DIN should
idle high outside an input configuration register read.
Table 4. ADC Configuration Register
Figure 4. Input Configuration Timing in CS Mode
BIT NAME
BIT
DEFAULT
STATE
LOGIC
STATE
FUNCTION
MODE
7:6
00
00
CS Mode, No-Busy Indicator
01
CS Mode, with Busy Indicator
10
Daisy-Chain Mode, No-Busy Indicator
11
Daisy-Chain Mode, with Busy Indicator
REF
5:4
00
00
Reference Mode 0. Internal reference and reference buffer are both
powered on.
01
Reference Mode 1. Internal reference is turned off, but internal reference
buffer powered on. Apply the external reference voltage at REFIO.
10
Reference Mode 2. Internal reference is powered on, but the internal
reference buffer is powered off. This mode allows for internal reference to
be used with an external reference buffer.
11
Reference Mode 3. Internal reference and reference buffer are both
powered off. Apply an external reference voltage at REF.
SHDN
3
0
0
Normal Mode. All circuitry is fully powered up at all times.
1
Static Shutdown. All circuitry is powered down.
Reserved
2:0
0
0
Reserved, Set to 0
01234
56
7
tHSCKCNF
tSSCKCNF
CNVST
SCLK
DIN
tHDINSCK
tSDINSCK
B6
B5
B4
B3
B2
B1
B0
B7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com