Electronic Components Datasheet Search
  English  ▼

X  

MAX11167 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11167
Description  16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11167 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11167 Datasheet HTML 9Page - Maxim Integrated Products MAX11167 Datasheet HTML 10Page - Maxim Integrated Products MAX11167 Datasheet HTML 11Page - Maxim Integrated Products MAX11167 Datasheet HTML 12Page - Maxim Integrated Products MAX11167 Datasheet HTML 13Page - Maxim Integrated Products MAX11167 Datasheet HTML 14Page - Maxim Integrated Products MAX11167 Datasheet HTML 15Page - Maxim Integrated Products MAX11167 Datasheet HTML 16Page - Maxim Integrated Products MAX11167 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Maxim Integrated │ 13
MAX11166/MAX11167
16-Bit, 500ksps/250ksps, ±5V SAR ADCs
with Internal Reference in TDFN
www.maximintegrated.com
Typical Operating Characteristics—MAX11167 (continued)
FFT PLOT
FREQUENCY (kHz)
100
75
25
50
-120
-100
-80
-60
-20
-40
0
-140
0
125
fSAMPLE = 250ksps
FFT NSAMPLE = 8192
fIN = 10101Hz
VIN = -0.1dBFS
REF MODE = 3
VREF = 4.096V
VDD = 5.0V
VOVDD = 3.3V
TA = +25°C
SNR = 92.7dB
SINAD = 92.5dB
SFDR = 108.9dB
THD = -107.7dB
VDD (V)
5.15
5.05
4.95
4.85
91.8
92.0
92.3
92.5
92.8
93.0
91.5
4.75
5.25
SNR AND SINAD
vs. VDD SUPPLY VOLTAGE
fSAMPLE = 250ksps
fIN = 10kHz
VIN = -0.1dBFS
TA = +25°C
REF MODE = 3
VREF = 4.096V
VOVDD = 3.3V
SNR
SINAD
TWO TONES IMD
FREQUENCY (kHz)
13.0
11.0
9.0
7.0
-120
-100
-80
-60
-40
-20
0
-140
5.0
15.0
fSAMPLE = 250ksps
FFT NSAMPLE
= 32768
fIN1 = 9376.5HZ
VIN1 = -6.1dBFS
fIN2 = 10674Hz
VIN2 = -6.1dBFS
REF MODE = 3
VREF = 4.096V
VDD = 5.0V
VOVDD = 3.3V
TA = +25°C
IMD = -126.5dBFS
THD vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-108
-106
-104
-102
-100
-110
-40
85
fSAMPLE = 250ksps
fIN = 10kHz
VIN = -0.1dBFS
REF MODE = 3
VREF = 4.096V
VDD = 5.0V
VOVDD = 3.3V
SNR AND SINAD vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
92.0
92.5
93.0
93.5
91.5
-40
85
fSAMPLE = 250ksps
fIN = 10kHz
VIN = -0.1dBFS
REF MODE = 3
VREF = 4.096V
VDD = 5.0V
VOVDD = 3.3V
SNR
SINAD
VDD (V)
5.15
5.05
4.95
4.85
-110
-108
-106
-104
-102
-100
-112
4.75
5.25
THD vs. VDD SUPPLY VOLTAGE
fSAMPLE = 250ksps
fIN = 10kHz
VIN = -0.1dBFS
TA = +25°C
REF MODE = 3
VREF = 4.096V
VOVDD = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com