Electronic Components Datasheet Search
  English  ▼

X  

SCL Datasheet(PDF) 20 Page - Exar Corporation

Part # SCL
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SCL Datasheet(HTML) 20 Page - Exar Corporation

Back Button SCL Datasheet HTML 16Page - Exar Corporation SCL Datasheet HTML 17Page - Exar Corporation SCL Datasheet HTML 18Page - Exar Corporation SCL Datasheet HTML 19Page - Exar Corporation SCL Datasheet HTML 20Page - Exar Corporation SCL Datasheet HTML 21Page - Exar Corporation SCL Datasheet HTML 22Page - Exar Corporation SCL Datasheet HTML 23Page - Exar Corporation SCL Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
20/29
Rev. 1.0.1
HW Flags – these are hardware monitoring
functions forwarded to GPIO0 only. The
functions include Under-Voltage Warning,
Over- Temperature Warning, Over-Voltage
Fault, Over-Current Fault and Over -Current
Warning for every channel. Multiple selection
is available in which case the resulting signal
is the OR logic function
 External
Clock-in
–
enables
the
controller to lock to an external clock
including one from another XRP7724
applied to the GPIO0 pin. There are two
ranges of clock frequencies the controller
accepts, selectable by a user
 HW Power Good – the Power Good
hardware monitoring function. It can only
be forwarded to GPIO1. It is an output
voltage monitoring function that is a
hardware comparison of channel output
voltage against its user defined Power
Good
threshold
limits
(Power
Good
minimum and maximum levels). . It has
no hysteresis. Multiple channel selection is
available in which case the resulting signal
is the AND logic function of all channels
selected.
 The Power Good minimum and maximum
levels are expressed as percentages of the
target voltage.
 “PGood Max” is the upper window and
“PGood Min” is the lower window.
The
minimum and maximum for each of these
values can be calculated by the following
equation:
 Where N =1 to 63 for the PGOOD Max
value and N=1 to 62 for the PGOOD Min
value.
For example, with the target
voltage of 1.5V and set point resolution of
2.5mV (LSB), the Power Good min and
max values can range from 0.17% to
10.3% and 0.17% to 10.5% respectively.
A user can effectively double the values
by changing to the next higher output
voltage range setting, but at the expense
of reduced set point resolution.
 External Clock-out – clock sent out
through GPIO1 for synchronizing with
another XRP7724 (see the clock out
section for more information).
FAULT HANDLING
There are seven different types of fault
handling:
 Under
Voltage
Lockout
(UVLO)
monitors voltage supplied to the Vcc pin
and will cause the controller to shutdown
all channels if the supply drops to critical
levels.
 Over Temperature Protection (OTP)
monitors temperature of the chip and will
cause the controller to shutdown all
channels if temperature rises to critical
levels.
 Over
Voltage
Protection
(OVP)
monitors regulated voltage of a channel
and will cause the controller to react in a
user specified way if the regulated voltage
surpasses threshold level.
 Over
Current
Protection
(OCP)
monitors current of a channel and will
cause the controller to react in a user



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com