Electronic Components Datasheet Search
  English  ▼

X  

AD7394 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7394
Description  3 V, Dual, Serial Input 12-/10-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7394 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7394 Datasheet HTML 3Page - Analog Devices AD7394 Datasheet HTML 4Page - Analog Devices AD7394 Datasheet HTML 5Page - Analog Devices AD7394 Datasheet HTML 6Page - Analog Devices AD7394 Datasheet HTML 7Page - Analog Devices AD7394 Datasheet HTML 8Page - Analog Devices AD7394 Datasheet HTML 9Page - Analog Devices AD7394 Datasheet HTML 10Page - Analog Devices AD7394 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7394/AD7395
–7–
REV. 0
CODE – Decimal
1.5
–1.5
0
1000
500
0
–0.5
0.5
1
–1
1500
2500
2000
3000
4000
3500
TA = +25 C, +85 C
VDD = 3V
VREF = 2.5V
TA = –55 C
Figure 4. AD7394 Integral Nonlinear-
ity Error vs. Code
TEMPCO – ppm/ C
35
0
40
30
20
15
10
5
25
26
38
28
30
32
34
36
SS = 200,
VDD = 2.7V
VREF = 2.5V
TA = +85 C TO –40 C
AD7395
Figure 7. Full-Scale Output Tempco
Histogram
FREQUENCY – Hz
10
8
0
1
10
100k
VDD = 5V
VREF = 2.5V
TA = +25 C
100
1k
10k
6
4
2
Figure 10. AD7394 Output Noise
Density vs. Frequency
Typical Performance Characteristics–
TOTAL UNADJUSTED ERROR – LSB
25
20
0
15
10
5
3
2
1
01
SS = 200 UNITS
TA = +25 C
VDD = 2.7V
VREF = 2.5V
AD7394
Figure 5. Total Unadjusted Error
Histogram
VREF – Volts
0.6
0.3
0
0 0.5
5
1
1.5
2
2.5
3
3.5
4
4.5
0.5
0.4
0.2
0.1
VDD = 5.0V
TA = +25 C
CODE = 768H
AD7394
Figure 8. Integral Nonlinearity Error
vs. VREF
VIN – Volts
140
100
135
120
115
110
105
130
125
0
0.5
3
1
1.5
2
2.5
VDD = 3V
VIN 3V TO 0V
VIN 0V TO 3V
AD7394
Figure 11. Supply Current vs. Logic
Input Voltage
TOTAL UNAJUSTED ERROR – LSB
50
40
0
–5
0
510
15
30
20
10
SS = 200 UNITS
TA = +25 C
VDD = 2.7V
VREF = 2.5V
AD7395
Figure 6. Total Unadjusted Error
Histogram
VREF – Volts
0 0.5
5
1
1.5
2 2.5
3
3.5
4
4.5
30
25
15
5
0
5
10
20
10
15
TA = +25 C
TOTAL UNADJUSTED
FULL SCALE ERROR
FULL SCALE ERROR
AD7394
Figure 9. Full-Scale Error vs. VREF
VDD – Volts
5
4.5
1
23
7
45
6
3
2.5
2
1.5
4
3.5
VLOGIC FROM LOW TO HIGH
VLOGIC FROM HIGH TO LOW
AD7394
Figure 12. Logic Threshold vs. Sup-
ply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com