Electronic Components Datasheet Search
  English  ▼

X  

AD7394 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7394
Description  3 V, Dual, Serial Input 12-/10-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7394 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7394 Datasheet HTML 4Page - Analog Devices AD7394 Datasheet HTML 5Page - Analog Devices AD7394 Datasheet HTML 6Page - Analog Devices AD7394 Datasheet HTML 7Page - Analog Devices AD7394 Datasheet HTML 8Page - Analog Devices AD7394 Datasheet HTML 9Page - Analog Devices AD7394 Datasheet HTML 10Page - Analog Devices AD7394 Datasheet HTML 11Page - Analog Devices AD7394 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD7394/AD7395
–8–
REV. 0
CLOCK FREQUENCY – Hz
1800
1600
0
1k
10k
10M
100k
1M
800
600
400
200
1400
1200
1000
A: IDD = 2.7V, CODE = 555H
B: IDD = 2.7V, CODE = 3FFH
C: VDD = 5.5V, CODE = 155H
D: VDD = 5.5V, CODE = 3FFH
A
D
C
B
AD7394
Figure 13. Supply Current vs. Clock
Frequency
VOUT – LSB
10
3
0
10
9
0
8
7
6
5
4
3
2
1
9
4
2
1
6
5
8
7
VDD = 5V
VDD = 3V
VREF = 2.5V
CODE = 800H
Figure 16. AD7394 IOUT Source Cur-
rent vs.
∆V
OUT
HOURS OF OPERATION – 150 C
1.4
0
0
100
600
200
300
400
500
1.2
1
0.8
0.4
0.2
0.6
CODE = 000H
CODE = FFFH
AD7394
Figure 19. Long-Term Drift Acceler-
ated by Burn-In
FREQUENCY – Hz
80
70
0
1
10
10k
100
1k
40
30
20
10
60
50
VDD = 5.0V, 5%
VDD = 3.0V, 5%
TA = +25 C
Figure 14. AD7394 Power Supply
Rejection vs. Frequency
TIME – 2 s/DIV
1.262
1.257
1.237
1.252
1.247
1.242
VDD = +5V
VREF = 2.5V
TA = +25 C
CODE = 800H TO 7FFH
5mV/DIV
Figure 17. Midscale Transition
Performance
VOUT – LSB
20
6
0
01
10
23
4
5
6
7
8
9
18
8
4
2
12
10
16
14
VDD = 3V
VDD = 5V
VREF = 2.5V
CODE = 800H
Figure 15. AD7394 IOUT Sink Current
vs.
∆V
OUT
0
5
50
100
1k
VDD = 5V
CODE = FFFH
10k
100k
30
35
40
45
10
15
20
25
FREQUENCY – Hz
Figure 18. AD7395 Reference Multi-
plying Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com