Electronic Components Datasheet Search
  English  ▼

X  

AD7397AR Datasheet(PDF) 5 Page - Analog Devices

Part # AD7397AR
Description  3 V, Parallel Input Dual 12-Bit /10-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7397AR Datasheet(HTML) 5 Page - Analog Devices

  AD7397AR Datasheet HTML 1Page - Analog Devices AD7397AR Datasheet HTML 2Page - Analog Devices AD7397AR Datasheet HTML 3Page - Analog Devices AD7397AR Datasheet HTML 4Page - Analog Devices AD7397AR Datasheet HTML 5Page - Analog Devices AD7397AR Datasheet HTML 6Page - Analog Devices AD7397AR Datasheet HTML 7Page - Analog Devices AD7397AR Datasheet HTML 8Page - Analog Devices AD7397AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7396/AD7397
–5–
REV. 0
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7396/AD7397 features proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS*
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +8 V
VREF to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
Logic Inputs to GND . . . . . . . . . . . . . . . . . . . . . –0.3 V, +8 V
VOUT to GND . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +2 V
IOUT Short Circuit to GND . . . . . . . . . . . . . . . . . . . . +50 mA
Package Power Dissipation . . . . . . . . . . . . . (TJ max – TA)/
θ
JA
Thermal Resistance
θ
JA
24-Lead Plastic DIP Package (N-24) . . . . . . . . . . +63
°C/W
24-Lead SOIC Package (R-24) . . . . . . . . . . . . . . . +70
°C/W
24-Lead Thin Shrink Surface Mount (RU-24) . . +143
°C/W
ORDERING GUIDE
Res
Temperature
Package
Package
Model
(LSB)
Ranges
Descriptions
Options
AD7396AN
12
–40
°C to +85°C
24-Lead P-DIP
N-24
AD7396AR
12
–40
°C to +85°C
24-Lead SOIC
R-24
AD7397AN
10
–40
°C to +125°C
24-Lead P-DIP
N-24
AD7397AR
10
–40
°C to +125°C
24-Lead SOIC
R-24
AD7397ARU
10
–40
°C to +85°C
24-Lead Thin Shrink Small Outline Package (TSSOP)
RU-24
The AD7396/AD7397 contains 1365 transistors. The die size measures 89 mil
× 106 mil = 9434 sq mil.
Maximum Junction Temperature (TJ max) . . . . . . . . . +150
°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
AD7397AN, AD7397AR Only . . . . . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature
N-24 (Soldering, 10 sec) . . . . . . . . . . . . . . . . . . . . . . +300
°C
R-24 (Vapor Phase, 60 sec) . . . . . . . . . . . . . . . . . . . . +215
°C
RU-24 (Infrared, 15 sec) . . . . . . . . . . . . . . . . . . . . . . +224
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com