Electronic Components Datasheet Search
  English  ▼

X  

AD7397AR Datasheet(PDF) 12 Page - Analog Devices

Part # AD7397AR
Description  3 V, Parallel Input Dual 12-Bit /10-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7397AR Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7397AR Datasheet HTML 4Page - Analog Devices AD7397AR Datasheet HTML 5Page - Analog Devices AD7397AR Datasheet HTML 6Page - Analog Devices AD7397AR Datasheet HTML 7Page - Analog Devices AD7397AR Datasheet HTML 8Page - Analog Devices AD7397AR Datasheet HTML 9Page - Analog Devices AD7397AR Datasheet HTML 10Page - Analog Devices AD7397AR Datasheet HTML 11Page - Analog Devices AD7397AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD7396/AD7397
–12–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Lead SOIC Package
(R-24)
24
13
12
1
0.6141 (15.60)
0.5985 (15.20)
PIN 1
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
0
0.0291 (0.74)
0.0098 (0.25)
45
AD7397
VOUTA
VDD
REF
GND
C
+5V
ISY < 262 A
200 A
470k
470k
OP196
–5V
< 50 A
VO
+5V
–5V
BIPOLAR
OUTPUT
SWING
ONLY ONE CHANNEL SHOWN.
DIGITAL INTERFACE CIRCUITRY
OMITTED FOR CLARITY.
Figure 30. Bipolar Output Operation
Table III. Bipolar Code Table
Hexadecimal Number
Decimal Number
Analog Output
In DAC Register
In DAC Register
Voltage (V)
3FF
1023
4.9902
201
513
0.0097
200
512
0.0000
1FF
511
–0.0097
000
0
–5.0000
24-Lead Narrow Body Plastic DIP Package
(N-24)
24
112
13
0.280 (7.11)
0.240 (6.10)
PIN 1
1.275 (32.30)
1.125 (28.60)
0.150
(3.81)
MIN
0.200 (5.05)
0.125 (3.18)
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210
(5.33)
MAX
0.070 (1.77)
0.045 (1.15)
0.100 (2.54)
BSC
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
24-Lead Thin Surface Mount TSSOP Package
(RU-24)
24
13
12
1
0.311 (7.90)
0.303 (7.70)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com