Electronic Components Datasheet Search
  English  ▼

X  

AD7397AR Datasheet(PDF) 9 Page - Analog Devices

Part # AD7397AR
Description  3 V, Parallel Input Dual 12-Bit /10-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7397AR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7397AR Datasheet HTML 4Page - Analog Devices AD7397AR Datasheet HTML 5Page - Analog Devices AD7397AR Datasheet HTML 6Page - Analog Devices AD7397AR Datasheet HTML 7Page - Analog Devices AD7397AR Datasheet HTML 8Page - Analog Devices AD7397AR Datasheet HTML 9Page - Analog Devices AD7397AR Datasheet HTML 10Page - Analog Devices AD7397AR Datasheet HTML 11Page - Analog Devices AD7397AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7396/AD7397
–9–
REV. 0
DIGITAL INPUT FREQUENCY – Hz
1400
1k
10M
10k
100k
1M
1200
1000
800
600
400
200
0
AD7396
A: VDD = +2.7V, CODE = 555H
B: VDD = +2.7V, CODE = 3FFH
C: VDD = +5.5V, CODE = 155H
D: VDD = +5.5V, CODE = 3FFH
D
C
B
A
Figure 22. IDD vs. Digital Input
Frequency
OPERATION
The AD7396 and AD7397 are a set of pin compatible, 12-bit
and 10-bit digital-to-analog converters. These single-supply
operation devices consume less than 200
µA of current while
operating from power supplies in the +2.7 V to +5.5 V range,
making them ideal for battery operated applications. They
contain a voltage-switched, 12-bit/10-bit, digital-to-analog
converter, rail-to-rail output op amps, and a parallel-input
DAC register. The external reference input has constant
2.5 M
Ω input resistance independent of the digital code
setting of the DAC. In addition, the reference input can be tied
to the same supply voltage as VDD resulting in a maximum
output voltage span of 0 to VDD. The parallel data interface
consists of 12 data bits, DB0–DB11, for the AD7396, 10 data
bits, DB0–DB9, for the AD7397, and a
CS write strobe. An RS
pin is available to reset the DAC register to zero scale. This
function is useful for power-on reset or system failure recovery
to a known state. Additional power savings are accomplished by
activating the
SHDN pin resulting in a 1.5
µA maximum con-
sumption sleep mode. As long as the supply voltage, remains
data will be retained in the DAC and input register to supply
the DAC output when the part is taken out of shutdown.
DACA
REGISTER
12
INPUTA
REGISTER
DACB
REGISTER
12
INPUTB
REGISTER
AD7396
12-BIT
DACA
12-BIT
DACB
1
DATA
LDA
CS
A/
B
DGND
RS
SHDN
VDD
VOUTA
VREF
VOUTB
AGND
LDB
12
Figure 25. Functional Block Diagram
D/A CONVERTER SECTION
The voltage switched R-2R DAC generates an output voltage
dependent on the external reference voltage connected to the
REF pin according to the following equation:
VOUT = VREF
× D/2N
(1)
where D is the decimal data word loaded into the DAC register,
and N is the number of bits of DAC resolution. In the case of
the 10-bit AD7397 using a 2.5 V reference, Equation 1 simpli-
fies to:
VOUT = 2.5
× D/1024
(2)
Using Equation 2, the nominal midscale voltage at VOUT is
1.25 V for D = 512; full-scale voltage is 2.497 V. The LSB step
size is = 2.5
× 1/1024 = 0.0024 V.
For the 12-bit AD7396 operating from a 5.0 V reference equa-
tion [1] becomes:
VOUT = 5.0
× D/4096
(3)
Using Equation 3, the AD7396 provides a nominal midscale
voltage of 2.50 V for D = 2048, and a full-scale output of
4.998 V. The LSB step size is = 5.0
× 1/4096 = 0.0012 V.
AMPLIFIER SECTION
The internal DAC’s output is buffered by a low power con-
sumption precision amplifier. The op amp has a 60
µs typical
settling time to 0.1% of full scale. There are slight differences in
settling time for negative slewing signals versus positive. Also,
negative transition settling time to within the last 6 LSBs of zero
volts has an extended settling time. The rail-to-rail output stage
of this amplifier has been designed to provide precision perfor-
mance while operating near either power supply. Figure 26
shows an equivalent output schematic of the rail-to-rail-ampli-
fier with its N-channel pull-down FETs that will pull an output
load directly to GND. The output sourcing current is provided
by a P-channel pull-up device that can source current to GND
terminated loads.
P-ch
N-ch
VDD
VOUT
AGND
Figure 26. Equivalent Analog Output Circuit
FREQUENCY – Hz
80
1
10k
10
100
1k
70
60
50
40
30
20
0
10
VDD = +5V, 5%
VDD = +3V, 5%
Figure 23. PSRR vs. Frequency
HOURS OF OPERATION AT +150 C
1.0
0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
100
200
300
400
500
600
AD7396
SAMPLE SIZE = 77
VREF = +2.5V
CODE = FFFH
CODE = 000H
Figure 24. Long-Term Drift Acceler-
ated by Burn-In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com