Electronic Components Datasheet Search
  English  ▼

X  

PIC24E Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC24E
Description  STARTER KIT USER?셎 GUIDE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24E Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC24E Datasheet HTML 8Page - Microchip Technology PIC24E Datasheet HTML 9Page - Microchip Technology PIC24E Datasheet HTML 10Page - Microchip Technology PIC24E Datasheet HTML 11Page - Microchip Technology PIC24E Datasheet HTML 12Page - Microchip Technology PIC24E Datasheet HTML 13Page - Microchip Technology PIC24E Datasheet HTML 14Page - Microchip Technology PIC24E Datasheet HTML 15Page - Microchip Technology PIC24E Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
dsPIC33E/PIC24E USB Starter Kit User’s Guide
DS51936B-page 12
© 2010-2011 Microchip Technology Inc.
1.2
STARTER KIT FUNCTIONALITY AND FEATURES
This section describes the top and bottom board layout assembly of the dsPIC33E or
PIC24E USB Starter Kit.
1.2.1
Top Assembly
The top assembly of the board includes these key features, as indicated in Figure 1-1:
1. dsPIC33EP512MU810 16-bit DSC device (dsPIC33E USB Starter Kit) or
PIC24EP512GU810 16-bit MCU (PIC24E USB Starter Kit).
2. Green power indicator LED (D4).
3. 8 MHz crystal (Y3) for precision microcontroller clocking.
4. USB connectivity for on-board debugger communications (J2).
5. Three push button switches (SW1, SW2, SW3) for user-defined inputs.
6. Three user-defined indicator LEDs (LED1, LED2, LED3).
7. USB Type A receptacle (J6) connectivity for dsPIC33E/PIC24E USB host-based
applications.
8. HOST mode power jumper (J5).
9. Regulated +3.3V power supply for powering the starter kit via USB or an
expansion board.
FIGURE 1-1:
STARTER KIT LAYOUT (TOP SIDE)
Note: When running USB device applications, open the jumper J5 to prevent
possibly back-feeding voltage onto the VBUS from one port on the host to
another (or from one host to another).
1
2
3
4
5
5
5
6
6
6
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com