Electronic Components Datasheet Search
  English  ▼

X  

PIC24E Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC24E
Description  STARTER KIT USER?셎 GUIDE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24E Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC24E Datasheet HTML 12Page - Microchip Technology PIC24E Datasheet HTML 13Page - Microchip Technology PIC24E Datasheet HTML 14Page - Microchip Technology PIC24E Datasheet HTML 15Page - Microchip Technology PIC24E Datasheet HTML 16Page - Microchip Technology PIC24E Datasheet HTML 17Page - Microchip Technology PIC24E Datasheet HTML 18Page - Microchip Technology PIC24E Datasheet HTML 19Page - Microchip Technology PIC24E Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
dsPIC33E/PIC24E USB Starter Kit User’s Guide
DS51936B-page 16
© 2010-2011 Microchip Technology Inc.
2.2
FEATURES
This section describes the key features of the starter kit. Refer to Figure 1-1 and
Figure 1-2 in Chapter 1. “Introduction” for their actual locations on the board.
2.2.1
Processor Support
The dsPIC33E USB Starter Kit is designed with a permanently mounted (i.e., soldered)
dsPIC33EP512MU810 DSC. Similarly, the PIC24E USB Starter Kit is designed with a
permanently mounted (i.e., soldered) PIC24EP512GU810 MCU.
2.2.2
Power Supply
There are two ways to supply power to the dsPIC33E or PIC24E USB Starter Kit:
• Connect the USB Debug connector J2 to a PC running MPLAB using the supplied
mini-B to full-sized A cable
• An external application board with a regulated DC power supply that provides +5V
can be connected to the application board connector (J3) that is provided on the
bottom side of the board
One green LED (D4) is provided to show that the dsPIC33E or PIC24E device is being
powered.
2.2.3
Debug USB Connectivity
The dsPIC33E or PIC24E USB Starter Kit includes a PIC24FJ256GB106 USB micro-
controller that provides debugger connectivity over USB. The PIC24FJ256GB106 is
hard-wired to the dsPIC33E or PIC24E device to translate the I/O pins of the
PIC24FJ256GB106 device to the ICSP™ pins of the dsPIC33E or PIC24E device. The
debugger circuit also includes a 25LC256 Serial EEPROM device for data storage.
The programming/debugging circuit on the dsPIC33E or PIC24E USB Starter Kit is similar
in functionality and feature-set to the MPLAB PICkit™ 3 debugger.
2.2.4
dsPIC33E/PIC24E USB Connectivity
There are three possible ways to connect to the dsPIC33E or PIC24E USB
microcontroller:
• Host mode
Connect the device to the type-A connector J6, located on the top side of the
starter kit. If using the debug USB port to power the Host port, install jumper J5 to
short the back-power prevention diode. Note that a maximum of ~400 mA can be
supplied from the debug USB port to the host port using this method. If the full
500 mA supply is needed for the application, an external supply must be
connected to the application board and jumper J5 must be removed to prevent
back-powering the debug USB port.
• Device mode
First, connect the debug mini-B USB cable to port J2. Next, connect the starter kit
to the USB Host using a cable with a type-B micro plug to the starter kit’s micro-B
port J4, located on the bottom side of the starter kit. The other end of the cable
must have a type-A plug. Connect it to a USB host. Jumper J5 should be
removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com