Electronic Components Datasheet Search
  English  ▼

X  

PIC24E Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC24E
Description  STARTER KIT USER?셎 GUIDE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24E Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC24E Datasheet HTML 11Page - Microchip Technology PIC24E Datasheet HTML 12Page - Microchip Technology PIC24E Datasheet HTML 13Page - Microchip Technology PIC24E Datasheet HTML 14Page - Microchip Technology PIC24E Datasheet HTML 15Page - Microchip Technology PIC24E Datasheet HTML 16Page - Microchip Technology PIC24E Datasheet HTML 17Page - Microchip Technology PIC24E Datasheet HTML 18Page - Microchip Technology PIC24E Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
dsPIC33E/PIC24E USB
STARTER KIT USER’S GUIDE
© 2010-2011 Microchip Technology Inc.
DS51936B-page 15
Chapter 2. Hardware
This chapter describes the hardware features of the starter kit. Topics covered include:
• High-Level Block Diagram
• Features
2.1
HIGH-LEVEL BLOCK DIAGRAM
Figure 2-1 illustrates a high-level block diagram of the dsPIC33E/PIC24E USB starter
kit.
FIGURE 2-1:
HIGH-LEVEL BLOCK DIAGRAM
dsPIC33EP512MU810
(PIC24FJ256GB106)
ICSP™
VUSB or +5V_EXT
USB Device
Switches
LEDs
+5V_EXT
USB Host
Power Supply
USB Device
(Type micro-B)
USB Host
(Type A)
+3.3V
Power
Supply
or
PIC24EP512GU810
(dsPIC33E USB Starter Kit)
(PIC24E USB Starter Kit)
(Type mini-B)
Debugger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com