Electronic Components Datasheet Search
  English  ▼

X  

PCA6408A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA6408A
Description  Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA6408A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA6408A Datasheet HTML 1Page - NXP Semiconductors PCA6408A Datasheet HTML 2Page - NXP Semiconductors PCA6408A Datasheet HTML 3Page - NXP Semiconductors PCA6408A Datasheet HTML 4Page - NXP Semiconductors PCA6408A Datasheet HTML 5Page - NXP Semiconductors PCA6408A Datasheet HTML 6Page - NXP Semiconductors PCA6408A Datasheet HTML 7Page - NXP Semiconductors PCA6408A Datasheet HTML 8Page - NXP Semiconductors PCA6408A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
PCA6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 27 September 2012
2 of 40
NXP Semiconductors
PCA6408A
Low-voltage, 8-bit I2C-bus and SMBus I/O expander
The device Port P outputs have 25 mA sink capabilities for directly driving LEDs while
consuming low device current.
One hardware pin (ADDR) can be used to program and vary the fixed I2C-bus address
and allow up to two devices to share the same I2C-bus or SMBus.
2.
Features and benefits
I2C-bus to parallel port expander
Operating power supply voltage range of 1.65 V to 5.5 V
Allows bidirectional voltage-level translation and GPIO expansion between:
1.8V SCL/SDA and 1.8V, 2.5V, 3.3V or 5V Port P
2.5V SCL/SDA and 1.8V, 2.5V, 3.3V or 5V Port P
3.3V SCL/SDA and 1.8V, 2.5V, 3.3V or 5V Port P
5V SCL/SDA and 1.8V, 2.5V, 3.3V or 5V Port P
Low standby current consumption of 1
A
Schmitt-trigger action allows slow input transition and better switching noise immunity
at the SCL and SDA inputs
Vhys = 0.18 V (typical) at 1.8 V
Vhys = 0.25 V (typical) at 2.5 V
Vhys = 0.33 V (typical) at 3.3 V
Vhys = 0.5 V (typical) at 5 V
5 V tolerant I/O ports
Active LOW reset input (RESET)
Open-drain active LOW interrupt output (INT)
400 kHz Fast-mode I2C-bus
Input/Output Configuration register
Polarity Inversion register
Internal power-on reset
Power-up with all channels configured as inputs
No glitch on power-up
Noise filter on SCL/SDA inputs
Latched outputs with 25 mA drive maximum capability for directly driving LEDs
Latch-up performance exceeds 100 mA per JESD 78, Class II
ESD protection exceeds JESD 22
2000 V Human-Body Model (A114-A)
1000 V Charged-Device Model (C101)
Packages offered: HVQFN16, TSSOP16, XQFN16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com