Electronic Components Datasheet Search
  English  ▼

X  

PCA6408A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA6408A
Description  Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA6408A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA6408A Datasheet HTML 17Page - NXP Semiconductors PCA6408A Datasheet HTML 18Page - NXP Semiconductors PCA6408A Datasheet HTML 19Page - NXP Semiconductors PCA6408A Datasheet HTML 20Page - NXP Semiconductors PCA6408A Datasheet HTML 21Page - NXP Semiconductors PCA6408A Datasheet HTML 22Page - NXP Semiconductors PCA6408A Datasheet HTML 23Page - NXP Semiconductors PCA6408A Datasheet HTML 24Page - NXP Semiconductors PCA6408A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
PCA6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 27 September 2012
21 of 40
NXP Semiconductors
PCA6408A
Low-voltage, 8-bit I2C-bus and SMBus I/O expander
a. VDD(P) =1.65V
b. VDD(P) =1.8 V
c. VDD(P) =2.5 V
d. VDD(P) =3.3 V
e. VDD(P) =5.0 V
f. VDD(P) =5.5 V
Fig 23. I/O source current versus HIGH-level output voltage
VDD(P) − VOH (V)
0
0.6
0.4
0.2
002aaf561
10
20
30
Isource
(mA)
0
Tamb = −40 °C
25 °C
85 °C
VDD(P) − VOH (V)
0
0.6
0.4
0.2
002aaf562
15
25
35
Isource
(mA)
0
Tamb = −40 °C
25 °C
85 °C
5
10
20
30
VDD(P) − VOH (V)
0
0.6
0.4
0.2
002aaf563
20
40
60
Isource
(mA)
0
Tamb = −40 °C
25 °C
85 °C
VDD(P) − VOH (V)
0
0.6
0.4
0.2
002aaf564
30
50
70
Isource
(mA)
0
Tamb = −40 °C
25 °C
85 °C
10
20
40
60
VDD(P) − VOH (V)
0
0.6
0.4
0.2
002aaf565
30
60
90
Isource
(mA)
0
Tamb = −40 °C
25 °C
85 °C
VDD(P) − VOH (V)
0
0.6
0.4
0.2
002aaf566
30
60
90
Isource
(mA)
0
Tamb = −40 °C
25 °C
85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com