Electronic Components Datasheet Search
  English  ▼

X  

PCA6408A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA6408A
Description  Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA6408A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA6408A Datasheet HTML 9Page - NXP Semiconductors PCA6408A Datasheet HTML 10Page - NXP Semiconductors PCA6408A Datasheet HTML 11Page - NXP Semiconductors PCA6408A Datasheet HTML 12Page - NXP Semiconductors PCA6408A Datasheet HTML 13Page - NXP Semiconductors PCA6408A Datasheet HTML 14Page - NXP Semiconductors PCA6408A Datasheet HTML 15Page - NXP Semiconductors PCA6408A Datasheet HTML 16Page - NXP Semiconductors PCA6408A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
PCA6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 27 September 2012
13 of 40
NXP Semiconductors
PCA6408A
Low-voltage, 8-bit I2C-bus and SMBus I/O expander
9.
Application design-in information
9.1 Minimizing IDD when I/Os control LEDs
When the I/Os are used to control LEDs, normally they are connected to VDD(P) through a
resistor as shown in Figure 12. The LED acts as a diode, so when the LED is off, the I/O
VI is about 1.2 V less than VDD(P). The IDD parameter in Table 15 “Static characteristics”
shows how IDD(P) increases as VI becomes lower than VDD(P). Designs that must minimize
current consumption, such as battery power applications, should consider maintaining the
I/O pins greater than or equal to VDD(P) when the LED is off.
Figure 13 shows a high-value resistor in parallel with the LED. Figure 14 shows VDD(P)
less than the LED supply voltage by at least 1.2 V. Both of these methods maintain the I/O
VI at or above VDD(P) and prevent additional supply current consumption when the LED
is off.
Device address configured as 0100 000x for this example.
P0 and P2 through P4 are configured as inputs.
P1 and P5 through P7 are configured as outputs.
(1) Resistors are required for inputs (on P port) that may float. If a driver to an input will never let the
input float, a resistor is not needed. Outputs (in the P port) do not need pull-up resistors.
Fig 12. Typical application
PCA6408A
P0
P1
SCL
SDA
VDD
SCL
SDA
P2
P3
VSS
MASTER
CONTROLLER
VSS
VDD(I2C-bus) = 1.8 V
controlled
switch
A
B
enable
INT
VDD(P)
INT
10 kΩ
SUBSYSTEM 1
(e.g., alarm system)
ALARM(1)
P4
P5
P6
P7
10 kΩ
10 kΩ
RESET
RESET
VDD(P)
002aaf829
VDD(I2C-bus)
VDD(I2C-bus)
ADDR
KEYPAD
10 kΩ
10 kΩ (× 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com