Electronic Components Datasheet Search
  English  ▼

X  

PCA9538A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9538A
Description  Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9538A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9538A Datasheet HTML 1Page - NXP Semiconductors PCA9538A Datasheet HTML 2Page - NXP Semiconductors PCA9538A Datasheet HTML 3Page - NXP Semiconductors PCA9538A Datasheet HTML 4Page - NXP Semiconductors PCA9538A Datasheet HTML 5Page - NXP Semiconductors PCA9538A Datasheet HTML 6Page - NXP Semiconductors PCA9538A Datasheet HTML 7Page - NXP Semiconductors PCA9538A Datasheet HTML 8Page - NXP Semiconductors PCA9538A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
PCA9538A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 28 September 2012
2 of 37
NXP Semiconductors
PCA9538A
Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
2.
Features and benefits
I2C-bus to parallel port expander
Operating power supply voltage range of 1.65 V to 5.5 V
Low standby current consumption:
1.5
A (typical at 5 V V
DD)
1.0
A (typical at 3.3 V V
DD)
Schmitt-trigger action allows slow input transition and better switching noise immunity
at the SCL and SDA inputs
Vhys =0.10  VDD (typical)
5 V tolerant I/Os
Active LOW reset input (RESET)
Open-drain active LOW interrupt output (INT)
400 kHz Fast-mode I2C-bus
Internal power-on reset
Power-up with all channels configured as inputs
No glitch on power-up
Latched outputs with 25 mA drive maximum capability for directly driving LEDs
Latch-up performance exceeds 100 mA per JESD78, Class II
ESD protection exceeds JESD22
2000 V Human Body Model (A114-A)
1000 V Charged-Device Model (C101)
Packages offered: TSSOP16 and HVQFN16
3.
Ordering information
3.1 Ordering options
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9538ABS
P3A
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 3
 3  0.85 mm
SOT758-1
PCA9538APW
PA9538A
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order quantity
Temperature
PCA9538ABS
PCA9538ABSHP
HVQFN16
Reel pack, SMD,
13-inch, Turned
6000
Tamb = 40 C to +85 C
PCA9538APW
PCA9538APWJ
TSSOP16
Reel pack, SMD,
13-inch
2500
Tamb = 40 C to +85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com