Electronic Components Datasheet Search
  English  ▼

X  

PCA9538A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9538A
Description  Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9538A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9538A Datasheet HTML 9Page - NXP Semiconductors PCA9538A Datasheet HTML 10Page - NXP Semiconductors PCA9538A Datasheet HTML 11Page - NXP Semiconductors PCA9538A Datasheet HTML 12Page - NXP Semiconductors PCA9538A Datasheet HTML 13Page - NXP Semiconductors PCA9538A Datasheet HTML 14Page - NXP Semiconductors PCA9538A Datasheet HTML 15Page - NXP Semiconductors PCA9538A Datasheet HTML 16Page - NXP Semiconductors PCA9538A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
PCA9538A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 28 September 2012
13 of 37
NXP Semiconductors
PCA9538A
Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
8.3 Power-on reset requirements
In the event of a glitch or data corruption, PCA9538A can be reset to its default conditions
by using the power-on reset feature. Power-on reset requires that the device go through a
power cycle to be completely reset. This reset also happens when the device is
powered on for the first time in an application.
The two types of power-on reset are shown in Figure 15 and Figure 16.
Table 10 specifies the performance of the power-on reset feature for PCA9538A for both
types of power-on reset.
[1]
Level that VDD can glitch down to, but not cause a functional disruption when tw(gl)VDD <1 s.
[2]
Glitch width that will not cause a functional disruption when
V
DD(gl) =0.5  VDD.
Fig 15. VDD is lowered below 0.2 V or 0 V and then ramped up to VDD
Fig 16. VDD is lowered below the POR threshold, then ramped back up to VDD
002aah329
VDD
time
ramp-up
ramp-down
(dV/dt)r
(dV/dt)f
re-ramp-up
(dV/dt)r
time to re-ramp
when VDD drops
below 0.2 V or to VSS
td(rst)
002aah330
VDD
time
ramp-down
(dV/dt)f
ramp-up
(dV/dt)r
time to re-ramp
when VDD drops
to VPOR(min) − 50 mV
td(rst)
VI drops below POR levels
Table 10.
Recommended supply sequencing and ramp rates
Tamb =25 C (unless otherwise noted). Not tested; specified by design.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
(dV/dt)f
fall rate of change of voltage
Figure 15
0.1
-
2000
ms
(dV/dt)r
rise rate of change of voltage
Figure 15
0.1
-
2000
ms
td(rst)
reset delay time
Figure 15; re-ramp time when
VDD drops to VSS
1-
-
s
Figure 16; re-ramp time when
VDD drops to VPOR(min)  50 mV
1-
-
s
V
DD(gl)
glitch supply voltage difference
Figure 17
[1] --
1.0
V
tw(gl)VDD
supply voltage glitch pulse width
Figure 17
[2] --
10
s
VPOR(trip)
power-on reset trip voltage
falling VDD
0.7
-
-
V
rising VDD
--
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com