Electronic Components Datasheet Search
  English  ▼

X  

PCA9538A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9538A
Description  Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9538A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9538A Datasheet HTML 17Page - NXP Semiconductors PCA9538A Datasheet HTML 18Page - NXP Semiconductors PCA9538A Datasheet HTML 19Page - NXP Semiconductors PCA9538A Datasheet HTML 20Page - NXP Semiconductors PCA9538A Datasheet HTML 21Page - NXP Semiconductors PCA9538A Datasheet HTML 22Page - NXP Semiconductors PCA9538A Datasheet HTML 23Page - NXP Semiconductors PCA9538A Datasheet HTML 24Page - NXP Semiconductors PCA9538A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
PCA9538A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 28 September 2012
21 of 37
NXP Semiconductors
PCA9538A
Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
(1) VDD = 1.8 V; Isink =10 mA
(2) VDD = 5 V; Isink =10mA
(3) VDD = 1.8 V; Isink =1mA
(4) VDD = 5 V; Isink =1mA
Isource = 10 mA
Fig 24. LOW-level output voltage versus temperature
Fig 25. I/O high voltage versus temperature
60
80
20
100
120
VOL
(mV)
0
Tamb (°C)
−40
85
60
10
35
−15
002aah056
(1)
(3)
(4)
(2)
40
Tamb (°C)
−40
85
60
10
35
−15
002aah343
160
120
200
0
VDD − VOH (mV)
VDD = 1.8 V
5 V
80
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com