Electronic Components Datasheet Search
  English  ▼

X  

PCAL9555APW Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCAL9555APW
Description  Low-voltage 16-bit I2C-bus GPIO with Agile I/O, interrupt and weak pull-up
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9555APW Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCAL9555APW Datasheet HTML 18Page - NXP Semiconductors PCAL9555APW Datasheet HTML 19Page - NXP Semiconductors PCAL9555APW Datasheet HTML 20Page - NXP Semiconductors PCAL9555APW Datasheet HTML 21Page - NXP Semiconductors PCAL9555APW Datasheet HTML 22Page - NXP Semiconductors PCAL9555APW Datasheet HTML 23Page - NXP Semiconductors PCAL9555APW Datasheet HTML 24Page - NXP Semiconductors PCAL9555APW Datasheet HTML 25Page - NXP Semiconductors PCAL9555APW Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
PCAL9555A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 October 2012
22 of 46
NXP Semiconductors
PCAL9555A
Low-voltage 16-bit GPIO with Agile I/O, interrupt and weak pull-up
Reducing the current drive capability may be desirable to reduce system noise. When the
output switches (transitions from H/L), there is a peak current that is a function of the
output drive selection. This peak current runs through VDD and VSS package inductance
and will create noise (some radiated, but more critically Simultaneous Switching Noise
(SSN)). In other words, switching many outputs at the same time will create ground and
supply noise. The output drive strength control through the Current Control registers
allows the user to mitigate SSN issues without the need of additional external
components.
8.3 Power-on reset requirements
In the event of a glitch or data corruption, PCAL9555A can be reset to its default
conditions by using the power-on reset feature. Power-on reset requires that the device
go through a power cycle to be completely reset. This reset also happens when the device
is powered on for the first time in an application.
The two types of power-on reset are shown in Figure 17 and Figure 18.
Table 28 specifies the performance of the power-on reset feature for PCAL9555A for both
types of power-on reset.
Fig 17. VDD is lowered below 0.2 V or to 0 V and then ramped up to VDD
Fig 18. VDD is lowered below the POR threshold, then ramped back up to VDD
002aah329
VDD
time
ramp-up
ramp-down
(dV/dt)r
(dV/dt)f
re-ramp-up
(dV/dt)r
time to re-ramp
when VDD drops
below 0.2 V or to VSS
td(rst)
002aah330
VDD
time
ramp-down
(dV/dt)f
ramp-up
(dV/dt)r
time to re-ramp
when VDD drops
to VPOR(min) − 50 mV
td(rst)
VI drops below POR levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com