Electronic Components Datasheet Search
  English  ▼

X  

AD7660 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7660
Description  16-Bit, 100 kSPS CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7660 Datasheet HTML 8Page - Analog Devices AD7660 Datasheet HTML 9Page - Analog Devices AD7660 Datasheet HTML 10Page - Analog Devices AD7660 Datasheet HTML 11Page - Analog Devices AD7660 Datasheet HTML 12Page - Analog Devices AD7660 Datasheet HTML 13Page - Analog Devices AD7660 Datasheet HTML 14Page - Analog Devices AD7660 Datasheet HTML 15Page - Analog Devices AD7660 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
AD7660
–12–
TYPICAL CONNECTION DIAGRAM
Figure 6 shows a typical connection diagram for the AD7660.
C2
R1
D1
D2
C1
IN
OR INGND
AGND
AVDD
Figure 5. Equivalent Analog Input Circuit
Analog Input
Figure 5 shows an equivalent circuit of the input structure of the
AD7660.
The two diodes D1 and D2 provide ESD protection for the
analog inputs IN and INGND. Care must be taken to ensure
that the analog input signal never exceeds the supply rails by
more than 0.3 V. This will cause these diodes to become for-
ward-biased and start conducting current. These diodes can
handle a forward-biased current of 100 mA maximum. For
instance, these conditions could eventually occur when the
input buffer's (U1) supplies are different from AVDD. In such
case, an input buffer with a short circuit current limitation can
be used to protect the part.
This analog input structure allows the sampling of the differen-
tial signal between IN and INGND. Unlike other converters,
the INGND input is sampled at the same time as the IN input.
By using this differential input, small signals common to both
inputs are rejected as shown in Figure 7 which represents the
typical CMR over frequency. For instance, by using INGND to
sense a remote signal ground, difference of ground potentials
between the sensor and the local ADC ground are eliminated.
COMMON-MODE INPUT FREQUENCY – Hz
0
0.1k
10
1k
10k
100k
1M
10M
20
30
40
50
60
70
80
Figure 7. Analog Input CMR vs. Frequency
During the acquisition phase, the impedance of the analog input
IN can be modeled as a parallel combination of capacitor C1
and the network formed by the series connection of R1 and C2.
Capacitor C1 is primarily the pin capacitance. The resistor R1 is
typically 3242
Ω and is a lumped component made up of some
serial resistor and the on resistance of the switches. The capacitor
C2 is typically 60 pF and is mainly the ADC sampling capacitor.
During the conversion phase, where the switches are opened,
the input impedance is limited to C1. It has to be noted that the
input impedance of the AD7660, unlike other SAR ADCs, is
not a pure capacitance and thus, inherently reduces the kickback
transient at the beginning of the acquisition phase. The R1, C2
makes a one-pole low-pass filter that reduces undesirable
aliasing effect and limits the noise.
100nF
10 F
100nF
10 F
AVDD
10 F
100nF
AGND
DGND
DVDD
OVDD
OGND
CS
RD
SER/
PAR
CNVST
BUSY
SDOUT
SCLK
RESET
PD
IN
INGND
U12
REFGND
100nF
CREF1
2.5V REF1
REF
100
D3
CLOCK
AD7660
ANALOG INPUT
(0V TO 2.5V)
C/ P/DSP
SERIAL
PORT
DIGITAL SUPPLY
(3.3V OR 5V)
ANALOG
SUPPLY
(5V)
DVDD
OB/
2C
NOTES:
1WITH THE AD780 OR THE ADR291 VOLTAGE REFERENCE, CREF IS 47 F
2THE AD8519 IS RECOMMENDED
3OPTIONAL LOW JITTER
CNVST
Figure 6. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com