| Electronic Components Datasheet Search |
|
AD7660 Datasheet(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7660 Datasheet(HTML) 15 Page - Analog Devices |
|
15 / 20 page ![]() REV. 0 AD7660 –15– PARALLEL INTERFACE The AD7660 is configured to use the parallel interface when the SER/ PAR is held low. The data can be read either after each conversion, which is during the next acquisition phase, or during the following conversion as shown, respectively, in Figure 14 and Figure 15. When the data is read during the conversion, how- ever, it is recommended, that it is read only during the first half of the conversion phase. That avoids any potential feedthrough between voltage transients on the digital interface and the most critical analog conversion circuitry. SERIAL INTERFACE The AD7660 is configured to use the serial interface when the SER/ PAR is held high. The AD7660 outputs 16 bits of data, MSB first, on the SDOUT pin. This data is synchronized with the 16 clock pulses provided on the SCLK pin. t1 t3 t4 t11 CNVST BUSY DATA BUS CS = RD = 0 t10 PREVIOUS CONVERSION DATA NEW DATA Figure 13. Master Parallel Data Timing for Reading (Continuous Read) CURRENT CONVERSION BUSY DATA BUS CS RD t12 t13 Figure 14. Slave Parallel Data Timing for Reading (Read after Convert) PREVIOUS CONVERSION t1 t3 t12 t13 t4 CS = 0 CNVST, RD BUSY DATA BUS Figure 15. Slave Parallel Data Timing for Reading (Read During Convert) MASTER SERIAL INTERFACE Internal Clock The AD7660 is configured to generate and provide the serial data clock SCLK when the EXT/ INT pin is held low. The AD7660 also generates a SYNC signal to indicate to the host when the serial data is valid. The serial clock SCLK and the SYNC signal can be inverted if desired. The output data is valid on both the rising and falling edge of the data clock. Depending on RDC/ SDIN input, the data can be read after each conversion, or during the following conversion. Figure 16 and Figure 17 show the detailed timing diagrams of these two modes. Usually, because the AD7660 has a longer acquisition phase than the conversion phase, the data is read immediately after conversion. That makes the mode master, read after conver- sion, the most recommended serial mode when it can be used. In read-after-conversion mode, it should be noted that, unlike in other modes, the signal BUSY returns low after the 16 data bits are pulsed out and not at the end of the conversion phase |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |