Electronic Components Datasheet Search
  English  ▼

X  

AD7660 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7660
Description  16-Bit, 100 kSPS CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7660 Datasheet HTML 12Page - Analog Devices AD7660 Datasheet HTML 13Page - Analog Devices AD7660 Datasheet HTML 14Page - Analog Devices AD7660 Datasheet HTML 15Page - Analog Devices AD7660 Datasheet HTML 16Page - Analog Devices AD7660 Datasheet HTML 17Page - Analog Devices AD7660 Datasheet HTML 18Page - Analog Devices AD7660 Datasheet HTML 19Page - Analog Devices AD7660 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. 0
AD7660
–18–
MICROPROCESSOR INTERFACING
The AD7660 is ideally suited for traditional dc measurement
applications supporting a microprocessor, and ac signal pro-
cessing applications interfacing to a digital signal processor.
The AD7660 is designed to interface either with a parallel 16-
bit-wide interface or with a general purpose serial port or I/O
ports on a microcontroller. A variety of external buffers can be
used with the AD7660 to prevent digital noise from coupling
into the ADC. The following sections illustrate the use of the
AD7660 with an SPI equipped microcontroller, the ADSP-
21065L and ADSP-218x signal processors.
SPI Interface (MC68HC11)
Figure 21 shows an interface diagram between the AD7660 and
an SPI-equipped microcontroller like the MC68HC11. To
accommodate the slower speed of the microcontroller, the
AD7660 acts as a slave device and data must be read after
conversion. This mode also allows the “daisy chain” feature.
The convert command could be initiated in response to an
internal timer interrupt. The reading of output data, one byte
at a time, if necessary, could be initiated in response to the
end-of-conversion signal (BUSY going low) using an interrupt
line of the microcontroller. The Serial Peripheral Interface (SPI)
on the MC68HC11 is configured for master mode (MSTR) = 1,
Clock Polarity Bit (CPOL) = 0, Clock Phase Bit (CPHA) = 1
and SPI interrupt enable (SPIE) = 1 by writing to the SPI Control
Register (SPCR). The IRQ is configured for edge-sensitive-only
operation (IRQE = 1 in OPTION register).
IRQ
MC68HC11*
CNVST
AD7660*
BUSY
CS
MISO/SDI
SCK
I/O PORT
SDOUT
SCLK
INVSCLK
EXT/
INT
DVDD
*ADDITIONAL PINS OMITTED FOR CLARITY
OVDD
SER/
PAR
RD
Figure 21. Interfacing the AD7660 to SPI Interface
ADSP-21065L in Master Serial Interface
As shown in Figure 22, the AD7660 can be interfaced to the
ADSP-21065L using the serial interface in master mode with-
out any glue logic required. This mode combines the advantages
to reduce the wire connections and to be able to read the data
during or after conversion at user convenience.
The AD7660 is configured for the internal clock mode (EXT/
INT
low) and acts, therefore, as the master device. The convert com-
mand can be generated by either an external low jitter oscillator
or, as shown, by a FLAG output of the ADSP-21065L or by a
frame output TFS of one serial port of the ADSP-21065L which
can be used like a timer. The serial port on the ADSP-21065L is
configured for external clock (IRFS = 0), rising edge active
(CKRE = 1), external late framed sync signals (IRFS = 0,
LAFS = 1, RFSR = 1) and active high (LRFS = 0). The serial
port of the ADSP-21065L is configured by writing to its receive
control register (SRCTL)—see ADSP-2106x SHARC User’s
Manual. Because the serial port, within the ADSP-21065L will
be seeing a discontinuous clock, an initial word reading has to
be done after the ADSP-21065L has been reset to ensure that
the serial port is properly synchronized to this clock during each
following data read operation.
RFS
ADSP-21065L*
SHARC
CNVST
AD7660*
CS
SYNC
RD
DR
RCLK
FLAG OR TFS
SDOUT
SCLK
INVSYNC
INVSCLK
EXT/
INT
RDC/SDIN
SER/
PAR
DVDD
*ADDITIONAL PINS OMITTED FOR CLARITY
OVDD
OR
OGND
Figure 22. Interfacing to the ADSP-21065L Using the
Serial Master Mode
SDOUT
CS, RD
SCLK
D1
D0
X
D15
D14
D13
12
3
14
15
16
t3
t35
t36 t37
t31
t32
t16
CNVST
BUSY
EXT/I
NT = 1
INVSCLK = 0
Figure 20. Slave Serial Data Timing for Reading (Read Previous Conversion During Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com