Electronic Components Datasheet Search
  English  ▼

X  

AD7665 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7665
Description  16-Bit, 570 kSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7665 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7665 Datasheet HTML 2Page - Analog Devices AD7665 Datasheet HTML 3Page - Analog Devices AD7665 Datasheet HTML 4Page - Analog Devices AD7665 Datasheet HTML 5Page - Analog Devices AD7665 Datasheet HTML 6Page - Analog Devices AD7665 Datasheet HTML 7Page - Analog Devices AD7665 Datasheet HTML 8Page - Analog Devices AD7665 Datasheet HTML 9Page - Analog Devices AD7665 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. 0
AD7665
–6–
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Type
Description
1
AGND
P
Analog Power Ground Pin.
2
AVDD
P
Input Analog Power Pin. Nominally 5 V.
3, 44–48
NC
No Connect.
4
BYTESWAP
Parallel Mode Selection (8-/16-Bit). When LOW, the LSB is output on D[7:0] and the MSB
is output on D[15:8]. When HIGH, the LSB is output on D[15:8] and the MSB is output on
D[7:0].
5OB/
2C
DI
Straight Binary/Binary Two’s Complement. When OB/
2C is HIGH, the digital output is
straight binary; when LOW, the MSB is inverted, resulting in a two’s complement output
from its internal shift register.
6
WARP
DI
Mode Selection. When HIGH and IMPULSE LOW, this input selects the fastest mode, the
maximum throughput is achievable, and a minimum conversion rate must be applied in order
to guarantee full specified accuracy. When LOW, full accuracy is maintained independent of
the minimum conversion rate.
7
IMPULSE
DI
Mode Selection. When HIGH and WARP LOW, this input selects a reduced power mode. In
this mode, the power dissipation is approximately proportional to the sampling rate.
8
SER/
PAR
DI
Serial/Parallel Selection Input. When LOW, the parallel port is selected; when HIGH, the
serial interface mode is selected and some bits of the DATA bus are used as a serial port.
9, 10
DATA[0:1]
DO
Bit 0 and Bit 1 of the Parallel Port Data Output Bus. When SER/
PAR is HIGH, these outputs
are in high impedance.
11, 12
DATA[2:3] or
DI/O
When SER/
PAR is LOW, these outputs are used as Bit 2 and Bit 3 of the Parallel Port Data
Output Bus.
DIVSCLK[0:1]
When SER/
PAR is HIGH, EXT/INT is LOW and RDC/SDIN is LOW, which is the serial
master read after convert mode. These inputs, part of the serial port, are used to slow down, if
desired, the internal serial clock that clocks the data output. In the other serial modes, these
inputs are not used.
13
DATA[4]
DI/O
When SER/
PAR is LOW, this output is used as Bit 4 of the Parallel Port Data Output Bus.
or EXT/
INT
When SER/
PAR is HIGH, this input, part of the serial port, is used as a digital select input for
choosing the internal or an external data clock, called respectively, master and slave mode.
With EXT/
INT tied LOW, the internal clock is selected on SCLK output. With EXT/INT set
to a logic HIGH, output data is synchronized to an external clock signal connected to the
SCLK input and the external clock is gated by
CS.
14
DATA[5]
DI/O
When SER/
PAR is LOW, this output is used as Bit 5 of the Parallel Port Data Output Bus.
or INVSYNC
When SER/
PAR is HIGH, this input, part of the serial port, is used to select the active state of
the SYNC signal. When LOW, SYNC is active HIGH. When HIGH, SYNC is active LOW.
15
DATA[6]
DI/O
When SER/
PAR is LOW, this output is used as Bit 6 of the Parallel Port Data Output Bus.
or INVSCLK
When SER/
PAR is HIGH, this input, part of the serial port, is used to invert the SCLK sig-
nal. It is active in both master and slave mode.
16
DATA[7]
DI/O
When SER/
PAR is LOW, this output is used as Bit 7 of the Parallel Port Data Output Bus.
or RDC/SDIN
When SER/
PAR is HIGH, this input, part of the serial port, is used as either an external data
input or a read mode selection input, depending on the state of EXT/
INT.
When EXT/
INT is HIGH, RDC/SDIN could be used as a data input to daisy chain the con-
version results from two or more ADCs onto a single SDOUT line. The digital data level
on SDIN is output on DATA with a delay of 16 SCLK periods after the initiation of the
read sequence.
When EXT/
INT is LOW, RDC/SDIN is used to select the read mode. When RDC/SDIN is
HIGH, the previous data is output on SDOUT during conversion. When RDC/SDIN is LOW,
the data can be output on SDOUT only when the conversion is complete.
17
OGND
P
Input/Output Interface Digital Power Ground.
18
OVDD
P
Input/Output Interface Digital Power. Nominally at the same supply as the supply of the host
interface (5 V or 3 V).
19
DVDD
P
Digital Power. Nominally at 5 V.
20
DGND
P
Digital Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com