Electronic Components Datasheet Search
  English  ▼

X  

AD7665 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7665
Description  16-Bit, 570 kSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7665 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7665 Datasheet HTML 15Page - Analog Devices AD7665 Datasheet HTML 16Page - Analog Devices AD7665 Datasheet HTML 17Page - Analog Devices AD7665 Datasheet HTML 18Page - Analog Devices AD7665 Datasheet HTML 19Page - Analog Devices AD7665 Datasheet HTML 20Page - Analog Devices AD7665 Datasheet HTML 21Page - Analog Devices AD7665 Datasheet HTML 22Page - Analog Devices AD7665 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. 0
AD7665
–19–
CS
SCLK
SDOUT
D15
D14
D1
D0
D13
X15
X14
X13
X1
X0
Y15
Y14
BUSY
SDIN
INVSCLK = 0
t35
t36 t37
t31
t32
t16
t33
t34
X15
X14
X
12
3
14
15
16
17
18
EXT/
INT = 1
RD = 0
Figure 19. Slave Serial Data Timing for Reading (Read After Convert)
In read-during-conversion mode, the serial clock and data toggle
at appropriate instants which minimizes potential feedthrough
between digital activity and the critical conversion decisions.
In read-after-conversion mode, it should be noted that, unlike in
other modes, the signal BUSY returns low after the 16 data bits
are pulsed out and not at the end of the conversion phase which
results in a longer BUSY width.
SLAVE SERIAL INTERFACE
External Clock
The AD7665 is configured to accept an externally supplied
serial data clock on the SCLK pin when the EXT/
INT pin is
held high. In this mode, several methods can be used to read the
data. The external serial clock is gated by
CS and the data are
output when both
CS and RD are low. Thus, depending on CS,
the data can be read after each conversion or during the follow-
ing conversion. The external clock can be either a continuous or
discontinuous clock. A discontinuous clock can be either nor-
mally high or normally low when inactive. Figure 19 and Figure
21 show the detailed timing diagrams of these methods.
While the AD7665 is performing a bit decision, it is important
that voltage transients not occur on digital input/output pins or
degradation of the conversion result could occur. This is par-
ticularly important during the second half of the conversion
phase because the AD7665 provides error correction circuitry
that can correct for an improper bit decision made during the
first half of the conversion phase. For this reason, it is recom-
mended that when an external clock is being provided, it is a
discontinuous clock that is toggling only when BUSY is low or,
more importantly, that is does not transition during the latter
half of BUSY high.
External Discontinuous Clock Data Read After Conversion
Though the maximum throughput cannot be achieved using this
mode, it is the most recommended of the serial slave modes.
Figure 19 shows the detailed timing diagrams of this method.
After a conversion is complete, indicated by BUSY returning
low, the result of this conversion can be read while both
CS and
RD are low. The data is shifted out, MSB first, with 16 clock
pulses and is valid on both rising and falling edge of the clock.
Among the advantages of this method, the conversion perfor-
mance is not degraded because there are no voltage transients on
the digital interface during the conversion process.
Another advantage is to be able to read the data at any speed up
to 40 MHz which accommodates both slow digital host interface
and the fastest serial reading.
Finally, in this mode only, the AD7665 provides a “daisy chain”
feature using the RDC/SDIN input pin for cascading multiple
converters together. This feature is useful for reducing compo-
nent count and wiring connections when desired as, for instance,
in isolated multiconverter applications.
An example of the concatenation of two devices is shown in Fig-
ure 20. Simultaneous sampling is possible by using a common
CNVST signal. It should be noted that the RDC/SDIN input is
latched on the opposite edge of SCLK of the one used to shift out
the data on SDOUT. Hence, the MSB of the “upstream” con-
verter just follows the LSB of the “downstream” converter on
the next SCLK cycle.
CNVST
CS
SCLK
SDOUT
RDC/SDIN
BUSY
BUSY
DATA
OUT
AD7665
#1
(DOWNSTREAM)
BUSY
OUT
CNVST
CS
SCLK
AD7665
#2
(UPSTREAM)
RDC/SDIN
SDOUT
SCLK IN
CS IN
CNVST IN
Figure 20. Two AD7665s in a Daisy-Chain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com