Electronic Components Datasheet Search
  English  ▼

X  

AD7665 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7665
Description  16-Bit, 570 kSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7665 Datasheet(HTML) 3 Page - Analog Devices

  AD7665 Datasheet HTML 1Page - Analog Devices AD7665 Datasheet HTML 2Page - Analog Devices AD7665 Datasheet HTML 3Page - Analog Devices AD7665 Datasheet HTML 4Page - Analog Devices AD7665 Datasheet HTML 5Page - Analog Devices AD7665 Datasheet HTML 6Page - Analog Devices AD7665 Datasheet HTML 7Page - Analog Devices AD7665 Datasheet HTML 8Page - Analog Devices AD7665 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. 0
–3–
AD7665
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLIES (Continued)
Power Dissipation
5, 6
444 kSPS Throughput
7
64
74
mW
100 SPS Throughput
7
15
µW
570 kSPS Throughput
4
93
107
mW
In Power-Down Mode
8
7
µW
TEMPERATURE RANGE
9
Specified Performance
TMIN to TMAX
–40
+85
°C
NOTES
1LSB means Least Significant Bit. With the
± 5 V input range, one LSB is 152.588 µV.
2See Definition of Specifications section. These specifications do not include the error contribution from the external reference.
3All specifications in dB are referred to a full-scale input FS. Tested with an input signal at 0.5 dB below full scale unless otherwise specified.
4In warp mode.
5Tested in parallel reading mode.
6Tested with the 0 V to 5 V range and V
IN – VINGND = 0 V. See Power Dissipation section.
7In impulse mode.
8With OVDD below DVDD + 0.3 V and all digital inputs forced to OVDD or OGND respect ively.
9Contact factory for extended temperature range.
Specifications subject to change without notice.
Table I. Analog Input Configuration
Input Voltage
Input
Range
IND (4R)
INC (4R)
INB (2R)
INA (R)
Impedance
1
±4 REF
VIN
INGND
INGND
REF
5.85 k
Ω
±2 REF
VIN
VIN
INGND
REF
3.41 k
Ω
±REF
VIN
VIN
VIN
REF
2.56 k
Ω
0 V to 4 REF
VIN
VIN
INGND
INGND
3.41 k
Ω
0 V to 2 REF
VIN
VIN
VIN
INGND
2.56 k
Ω
0 V to REF
VIN
VIN
VIN
VIN
Note 2
NOTES
1Typical analog input impedance.
2For this range the input is high impedance.
TIMING SPECIFICATIONS
Symbol
Min
Typ
Max
Unit
Refer to Figures 11 and 12
Convert Pulsewidth
t1
5ns
Time Between Conversions
t2
1.75/2/2.25
Note 1
µs
(Warp Mode/Normal Mode/Impulse Mode)
CNVST LOW to BUSY HIGH Delay
t3
30
ns
BUSY HIGH All Modes Except in Master Serial Read after
t4
0.75/1/1.25
µs
Convert Mode (Warp Mode/Normal Mode/Impulse Mode)
Aperture Delay
t5
2ns
End of Conversion to BUSY LOW Delay
t6
10
ns
Conversion Time (Warp Mode/Normal Mode/Impulse Mode)
t7
0.75/1/1.25
µs
Acquisition Time
t8
1
µs
RESET Pulsewidth
t9
10
ns
Refer to Figures 13, 14, and 15 (Parallel Interface Modes)
CNVST LOW to DATA Valid Delay
t10
0.75/1/1.25
µs
(Warp Mode/Normal Mode/Impulse Mode)
DATA Valid to BUSY LOW Delay
t11
20
ns
Bus Access Request to DATA Valid
t12
40
ns
Bus Relinquish Time
t13
515
ns
Refer to Figures 17 and 18 (Master Serial Interface Modes)
2
CS LOW to SYNC Valid Delay
t14
10
ns
CS LOW to Internal SCLK Valid Delay
t15
10
ns
CS LOW to SDOUT Delay
t16
10
ns
CNVST LOW to SYNC Delay (Read During Convert)
t17
25/275/525
ns
(Warp Mode/Normal Mode/Impulse Mode)
(–40 C to +85 C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com