Electronic Components Datasheet Search
  English  ▼

X  

AD7651 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7651
Description  16-Bit 1 MSPS SAR Unipolar ADC with Ref
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7651 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7651 Datasheet HTML 12Page - Analog Devices AD7651 Datasheet HTML 13Page - Analog Devices AD7651 Datasheet HTML 14Page - Analog Devices AD7651 Datasheet HTML 15Page - Analog Devices AD7651 Datasheet HTML 16Page - Analog Devices AD7651 Datasheet HTML 17Page - Analog Devices AD7651 Datasheet HTML 18Page - Analog Devices AD7651 Datasheet HTML 19Page - Analog Devices AD7651 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
–16–
AD7667
Figure TBD
Power Supply
The AD7667 uses three sets of power supply pins: an analog 5 V
supply AVDD, a digital 5 V core supply DVDD, and a digital
input/output interface supply OVDD. The OVDD supply
allows direct interface with any logic working between 2.7 V and
DVDD + 0.3 V. To reduce the number of supplies needed,
the digital core (DVDD) can be supplied through a simple
RC filter from the analog supply as shown in Figure 5. The
AD7667 is independent of power supply sequencing, once
OVDD does not exceed DVDD by more than 0.3V, and thus
free from supply voltage induced latchup.
POWER DISSIPATION Vs. THROUGHPUT
Operating currents are very low during the acquisition phase,
which allows a significant power saving when the conversion rate
is reduced as shown in Figure 10. This power saving depends on
the mode used. In impulse mode, the AD7667 automatically
reduces its power consumption at the end of each conversion
phase. This feature makes the AD7667 ideal for very low power
battery applications. It should be noted that the digital interface
remains active even during the acquisition phase. To reduce the
operating digital supply currents even further, the digital inputs
need to be driven close to the power supply rails (i.e., DVDD or
DGND) and OVDD should not exceed DVDD by more than
0.3V.
-160
-140
-120
-100
-80
-60
-40
-20
0
1
TO BE
SUPPLIED
Figure 10. Power Dissipation vs. Sample Rate
CONVERSION CONTROL
Figure 11 shows the detailed timing diagrams of the conver-
sion process. The AD7667 is controlled by the signal
CNVST
which initiates conversion. Once initiated, it cannot be
restarted or aborted, even by the power-down input PD, until
the conversion is complete. The
CNVST signal operates
independently of
CS and RD signals.
CNVST
BUSY
MODE
t2
t1
t3
t4
t5
t6
t7
t8
ACQUIRE
CONVERT
ACQUIRE
CONVERT
Figure 11. Basic Conversion Timing
In impulse mode, conversions can be automatically initi-
ated. If
CNVST is held low when BUSY is low, the
AD7667 controls the acquisition phase and then automati-
cally initiates a new conversion. By keeping
CNVST low,
the AD7667 keeps the conversion process running by itself.
It should be noted that the analog input has to be settled
when BUSY goes low. Also, at power-up,
CNVST
should be brought low once to initiate the conversion pro-
cess. In this mode, the AD7667 could sometimes run
slightly faster then the guaranteed limits in the impulse mode
of 666 kSPS. This feature does not exist in warp or normal
modes.
t9
t8
RESET
DATA
BUSY
CNVST
Figure 12. RESET Timing
Although
CNVST is a digital signal, it should be de-
signed with special care with fast, clean edges, and levels
with minimum overshoot and undershoot or ringing.
It is a good thing to shield the
CNVST trace with ground and
also to add a low value serial resistor (i.e., 50
) termination
close to the output of the component that drives this line.
For applications where the SNR is critical,
CNVST signal
should have a very low jitter. Some solutions to achieve that is
to use a dedicated oscillator for
CNVST generation or, at least,
to clock it with a high-frequency low-jitter clock as shown in
Figure 5.
DIGITAL INTERFACE
The AD7667 has a versatile digital interface; it can be
interfaced with the host system by using either a serial or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com