Electronic Components Datasheet Search
  English  ▼

X  

AD7651 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7651
Description  16-Bit 1 MSPS SAR Unipolar ADC with Ref
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7651 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7651 Datasheet HTML 15Page - Analog Devices AD7651 Datasheet HTML 16Page - Analog Devices AD7651 Datasheet HTML 17Page - Analog Devices AD7651 Datasheet HTML 18Page - Analog Devices AD7651 Datasheet HTML 19Page - Analog Devices AD7651 Datasheet HTML 20Page - Analog Devices AD7651 Datasheet HTML 21Page - Analog Devices AD7651 Datasheet HTML 22Page - Analog Devices AD7651 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
AD7667
–21–
IRQ
MC68HC11*
CNVST
AD7667*
CS
BUSY
MISO/SDI
SCK
I/O PORT
SDOUT
SCLK
RD
INVSCLK
EXT/INT
SER/PAR
DVDD
*
ADDITIONAL PINS OMITTED FOR CLARITY
DVDD
Figure 21. Interfacing the AD7667 to SPI Interface
ADSP-21065L in Master Serial Interface
As shown in Figure 22, the AD7667 can be interfaced to
the ADSP-21065L using the serial interface in master mode
without any glue logic required. This mode combines the
advantages of reducing the number of wire connections and
being able to read the data during or after conversion at user
convenience.
The AD7667 is configured for the internal clock mode (EXT/
INT low) and acts, therefore, as the master device. The con-
vert command can be generated by either an external low
jitter oscillator or, as shown, by a FLAG output of the ADSP-
21065L or by a frame output TFS of one serial port of the
ADSP-21065L which can be used as a timer. The serial port
on the ADSP-21065L is configured for external clock (IRFS
= 0), rising edge active (CKRE = 1), external late framed
sync signals (IRFS = 0, LAFS = 1, RFSR = 1) and active
high (LRFS = 0). The serial port of the ADSP-21065L is
configured by writing to its receive control register
(SRCTL)—see ADSP-2106x SHARC User’s Manual. Be-
cause the serial port within the ADSP-21065L will be seeing a
discontinuous clock, an initial word reading has to be done after
the ADSP-21065L has been reset to ensure that the serial
port is properly synchronized to this clock during each follow-
ing data read operation.
RFS
ADSP-21065L*
SHARC
CNVST
AD7667*
CS
SYNC
RD
DR
RCLK
FLAG OR TFS
SDOUT
SCLK
INVSYNC
INVSCLK
EXT/INT
RDC/SDIN
SER/PAR
DVDD
*ADDITIONAL PINS OMITTED FOR CLARITY
DVDD
Figure 22. Interfacing to the ADSP-21065L Using the
Serial Master Mode
APPLICATION HINTS
Bipolar and Wider Input Ranges
In some applications, it is desired to use a bipolar or wider
analog input range like, for instance, ±10 V, ±5 V or 0 V to 5 V.
Although the AD7667 has only one unipolar range, by simple
modifications of the input driver circuitry, bipolar and wider
input ranges can be used without any performance degradation.
Figure 23 shows a connection diagram which allows
that. Components values required and resulting full-
scale ranges are shown in Table II.
For applications where accurate gain and offset are de-
sired, they can be calibrated by acquiring a ground and a
voltage reference using an analog multiplexer, U2, as
shown for bipolar input ranges in Figure 23.
U1
ANALOG
INPUT
R2
R3
R4
100nF
R1
CF
U2
CREF
IN
INGND
REF
REFGND
100nF
AD7667
Figure 23. Using the AD7667 in 16-Bit Bipolar and/or
Wider Input Ranges
Table II. Component Values and Input Ranges
Input Range
R1
R2
R3
R4
±10 V
250
2 k
10 k
8 k
±5 V
500
2 k
10 k
6.67 k
0 V to –5 V
1 k
2 k
None
0
Layout
The AD7667 has very good immunity to noise on the
power supplies as can be seen in Figure 9. However, care
should still be taken with regard to grounding layout.
The printed circuit board that houses the AD7667 should be
designed so the analog and digital sections are separated and
confined to certain areas of the board. This facilitates the use
of ground planes that can be easily separated. Digital and
analog ground planes should be joined in only one place,
preferably underneath the AD7667, or, at least, as close as
possible to the AD7667. If the AD7667 is in a system where
multiple devices require analog-to-digital ground connections,
the connection should still be made at one point only, a star
ground point, which should be established as close as possible
to the AD7667.
It is recommended to avoid running digital lines under
the device as these will couple noise onto the die. The ana-
log ground plane should be allowed to run under the
AD7667 to avoid noise coupling. Fast switching signals
like
CNVST or clocks should be shielded with digital
ground to avoid radiating noise to other sections of the
board, and should never run near analog signal paths.
Crossover of digital and analog signals should be avoided.
Traces on different but close layers of the board should run



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com