Electronic Components Datasheet Search
  English  ▼

X  

AD7651 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7651
Description  16-Bit 1 MSPS SAR Unipolar ADC with Ref
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7651 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7651 Datasheet HTML 15Page - Analog Devices AD7651 Datasheet HTML 16Page - Analog Devices AD7651 Datasheet HTML 17Page - Analog Devices AD7651 Datasheet HTML 18Page - Analog Devices AD7651 Datasheet HTML 19Page - Analog Devices AD7651 Datasheet HTML 20Page - Analog Devices AD7651 Datasheet HTML 21Page - Analog Devices AD7651 Datasheet HTML 22Page - Analog Devices AD7651 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
AD7667
–19–
CS
BYTE
Pins D[15:8]
HI-Z
HIGH BYTE
LOW BYTE
HI-Z
HI-Z
HIGH BYTE
LOW BYTE
HI-Z
t12
t12
t13
Pins D[7:0]
RD
Figure TBD, 8-bit Parallel Interface
t1
t3
t4
CS = 0
CNVST
,
RD
BUSY
PREVIOUS
CONVERSION
t12
t13
DATA
BUS
Figure 15. Slave Parallel Data Timing for Reading
(Read During Convert)
SERIAL INTERFACE
The AD7667 is configured to use the serial interface when
the SER/
PAR is held high. The AD7667 outputs 16 bits of
data, MSB first, on the SDOUT pin. This data is synchro-
nized with the 16 clock pulses provided on SCLK pin. The
output data is valid on both the rising and falling edge of the
data clock.
MASTER SERIAL INTERFACE
Internal Clock
The AD7667 is configured to generate and provide the serial
data clock SCLK when the EXT/
INT pin is held low. The
AD7667 also generates a SYNC signal to indicate to the host
when the serial data is valid. The serial clock SCLK and the
SYNC signal can be inverted if desired. Depending on RDC/
SDIN input, the data can be read after each conversion or
during the following conversion. Figure 16 and Figure 17
show the detailed timing diagrams of these two modes.
Usually, because the AD7667 is used with a fast throughput,
the mode master, read during conversion is the most recom-
mended serial mode when it can be used.
In read-during-conversion mode, the serial clock and data
toggle at appropriate instants which minimize potential
feedthrough between digital activity and the critical conver-
sion decisions.
In read-after-conversion mode, it should be noted that, unlike in
other modes, the signal BUSY returns low after the 16 data bits
are pulsed out and not at the end of the conversion phase which
results in a longer BUSY width.
SLAVE SERIAL INTERFACE
External Clock
The AD7667 is configured to accept an externally supplied
serial data clock on the SCLK pin when the EXT/
INT pin is
held high. In this mode, several methods can be used to read
the data. The external serial clock is gated by
CS. When CS and
RD are both low, the data can be read after each conversion
or during the following conversion. The external clock can be
either a continuous or discontinuous clock. A discontinuous
clock can be either normally high or normally low when inac-
tive. Figure 18 and Figure 20 show the detailed timing diagrams
of these methods.
While the AD7667 is performing a bit decision, it is impor-
tant that voltage transients not occur on digital input/output
pins or degradation of the conversion result could occur.
This is particularly important during the second half of the
conversion phase because the AD7667 provides error cor-
rection circuitry that can correct for an improper bit
SDOUT
CS
SCLK
D1
D0
X
D15
D14
D13
1
2
3
141516
t3
t35
t36
t37
t31
t32
t16
CNVST
BUSY
EXT/INT = 1
INVSCLK = 0
RD = 0
Figure 20. Slave Serial Data Timing for Reading (Read Previous Conversion During Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com