Electronic Components Datasheet Search
  English  ▼

X  

AD7701 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7701
Description  LC2MOS 16-Bit A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7701 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7701 Datasheet HTML 8Page - Analog Devices AD7701 Datasheet HTML 9Page - Analog Devices AD7701 Datasheet HTML 10Page - Analog Devices AD7701 Datasheet HTML 11Page - Analog Devices AD7701 Datasheet HTML 12Page - Analog Devices AD7701 Datasheet HTML 13Page - Analog Devices AD7701 Datasheet HTML 14Page - Analog Devices AD7701 Datasheet HTML 15Page - Analog Devices AD7701 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7701
REV. D
–12–
between the multiplexer and the AD7701 is removed. Op amps
and other signal conditioning circuits may be used in front of
the AD7701, without worrying about their absolute gain or
offset errors. Note that the absolute value of the reference
supplied to the AD7701 is no longer important, provided it has
adequate short-term stability between calibration cycles, as full
scale is calibrated to the system reference.
If system offset errors are important but system gain errors are
not, then a one step system calibration may be performed with
SC1 high and SC2 low. In this case, offset is calibrated against
AIN, which should be connected to system REF LO during
calibration, but full scale is calibrated against the AD7701’s
VREF input.
System calibration schemes will yield better accuracy than self-
calibration, even if there are no system errors. Using self-
calibration, errors arise due to the mismatch in source impedances
between the references during calibration (AGND and VREF)
and the analog input during normal operation. In system cali-
bration, the source impedances inherently remain identical,
such that the theoretical limit to system accuracy is calibration
resolution. The practical limit is the noise floor of the AD7701.
Note that in system calibration, “REF LO” does not necessarily
mean the system ground or zero volts. The AD7701 can be
calibrated to measure between any two voltages that lie within
its calibration range by deliberately making REF LO nonzero.
For example, if REF LO is +0.5 V and REF HI is +2.5 V, the
unipolar span will be between these limits.
CALIBRATION RANGE
When designing system calibration schemes, care must be taken
to ensure that the worst-case system errors do not cause the
overrange headroom of the AD7701 to be exceeded. Although
the measurement error caused by offset and gain errors can be
nulled out, the actual error voltages will still be present at the
analog input and can cause overloading of the analog modulator
or overflow of the digital filter. With a 2.5 V reference, the
maximum input voltage is (+VREF + 100 mV), and the minimum
input voltage is (–VREF – 100 mV).
POWER-UP AND CALIBRATION
A calibration cycle must be carried out after power-up to initial-
ize the device to a consistent starting condition and correct cali-
bration. The CAL pin must be held high for at least four clock
cycles, after which calibration is initiated on the falling edge of
CAL and takes a maximum of 3,145,655 clock cycles (approxi-
mately 768 ms, with a 4.096 MHz clock). See Table III.
The type of calibration cycle initiated by CAL is determined by
the SC1 and SC2 inputs, in accordance with Table III.
The power dissipation and temperature drift of the AD7701 are
low and no warm-up time is required before the initial calibra-
tion is performed. However, the system reference must have
stabilized before calibration is initiated.
POWER SUPPLY SEQUENCING
The positive digital supply (DVDD) must never exceed the
positive analog supply (AVDD) by more than 0.3 V. Power
supply sequencing is therefore important. If separate analog and
digital supplies are used, care must be taken to ensure that the
analog supply is powered up first.
It is also important that power is applied to the AD7701 before
signals at VREF, AIN or the logic input pins in order to avoid any
possibility of latch-up. If separate supplies are used for the
AD7701 and the system digital circuitry, then the AD7701
should be powered up first.
A typical scheme for powering the AD7701 from a single set of
±5 V rails is shown in the system connection diagram, Figure 7.
In this circuit AVDD and DVDD are brought along separate
tracks from the same +5 V supply. Thus, there is no possibility
of the digital supply coming up before the analog supply.
GROUNDING
The AD7701 uses the analog ground connection, AGND, as the
measurement reference node. It should be used as the reference
node for both the analog input signal and the reference voltage
at the VREF pin.
The analog and digital power supplies to the AD7701 die are
pinned out separately to minimize coupling between the analog
and digital sections of the chip. All four supplies should be
decoupled separately to their respective grounds as shown in
Figure 7. The on-chip digital filtering of the AD7701 further
enhances power supply rejection by attenuating noise injected
into the conversion process.
SINGLE SUPPLY OPERATION
Figure 17 shows a circuit to power the AD7701 from a single
+10 V supply, using an op amp to provide a half supply refer-
ence point for AGND and DGND. As the digital I/O pins are
referenced to this point, level shifting is required for external
digital communications. If galvanic isolation is required in the
system, level shifting and isolation can both be provided by
opto-isolators.
Table III. Calibration Truth Table
CAL
SC1
SC2
CAL TYPE
ZERO REFERENCE
FS REFERENCE
SEQUENCE
CALIBRATION TIME
0
0
Self-Cal
AGND
VREF
One Step
3,145,655 Clock Cycles
1
1
System Offset
AIN
–
1st Step
1,052,599 Clock Cycles
0
1
System Gain
–
AIN
2nd Step
1,068,813 Clock Cycles
1
0
System Offset
AIN
VREF
One Step
2,117,389 Clock Cycles
NOTE
DRDY
remains high throughout the calibration sequence. In the Self-Cal mode, DRDY falls once the AD7701 has settled to the analog input. In all other modes
DRDY
falls as the device begins to settle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com