Electronic Components Datasheet Search
  English  ▼

X  

AD7701 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7701
Description  LC2MOS 16-Bit A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7701 Datasheet(HTML) 3 Page - Analog Devices

  AD7701 Datasheet HTML 1Page - Analog Devices AD7701 Datasheet HTML 2Page - Analog Devices AD7701 Datasheet HTML 3Page - Analog Devices AD7701 Datasheet HTML 4Page - Analog Devices AD7701 Datasheet HTML 5Page - Analog Devices AD7701 Datasheet HTML 6Page - Analog Devices AD7701 Datasheet HTML 7Page - Analog Devices AD7701 Datasheet HTML 8Page - Analog Devices AD7701 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Parameter
A, S Versions
2
B, T Versions
2
Units
Test Conditions/Comments
POWER REQUIREMENTS
8
Power Supply Voltages
Analog Positive Supply (AVDD)
4.5/5.5
4.5/5.5
V min/V max
Digital Positive Supply (DVDD)
4.5/AVDD
4.5/AVDD
V min/V max
Analog Negative Supply (AVSS)
–4.5/–5.5
–4.5/–5.5
V min/V max
Digital Negative Supply (DVSS)
–4.5/–5.5
–4.5/–5.5
V min/V max
Calibration Memory Retention
Power Supply Voltage
2.0
2.0
V min
DC Power Supply Currents
8
Analog Positive Supply (AIDD)
3.2
3.2
mA max
Typically 2 mA
Digital Positive Supply (DIDD)
1.5
1.5
mA max
Typically 1 mA
Analog Negative Supply (AISS)
3.2
3.2
mA max
Typically 2 mA
Digital Negative Supply (DISS)
0.1
0.1
mA max
Typically 0.03 mA
Power Supply Rejection
9
Positive Supplies
70
70
dB typ
Negative Supplies
75
75
dB typ
Power Dissipation
Normal Operation
40
40
mW max
SLEEP
= Logic 1,
Typically 25 mW
Standby Operation
10
20 (40 S Version)
20 (40 T Version)
µW max
SLEEP
= Logic 0,
Typically 10
µW
NOTES
11The A
IN pin presents a very high impedance dynamic load which varies with clock frequency.
12Temperature ranges are as follows: A, B Versions; –40
°C to +85°C; S, T Versions; –55°C to +125°C.
13Apply after calibration at the temperature of interest. Full-scale error applies for both unipolar and bipolar input ranges.
14Total drift over the specified temperature range since calibration at power-up at +25
°C. This is guaranteed by design and/or characterization. Recalibration at any
temperature will remove these errors.
15In unipolar mode the offset can have a negative value (–V
REF) such that the unipolar mode can mimic bipolar mode operation.
16The specifications for input overrange and for input span apply additional constraints on the offset calibration range.
17For unipolar mode, input span is the difference between full scale and zero scale. For bipolar mode, input span is the difference between positive and negative
full-scale points. When using less than the maximum input span, the span range may be placed anywhere within the range of
±(V
REF +0.1)
18All digital outputs unloaded. All digital inputs at 5 V CMOS levels.
19Applies in 0.1 Hz to 10 Hz bandwidth. PSRR at 60 Hz will exceed 120 dB due to the digital filter.
10CLKIN is stopped. All digital inputs are grounded.
Specifications subject to change without notice.
REV. D
–3–
AD7701
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although this device features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
DVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
DVDD to AVDD . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
DVSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
AVSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD +0.3 V
Analog Input
Voltage to AGND . . . . . . . . AVSS – 0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . .
±10 mA
Operating Temperature Range
Commercial Plastic (A, B Versions) . . . . . –40
°C to +85°C
Industrial Cerdip (A, B Versions) . . . . . . . –40
°C to +85°C
Extended Cerdip (S, T Versions) . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300
°C
Power Dissipation (Any Package) to +75
°C . . . . . . . 450 mW
Derates above +75
°C by . . . . . . . . . . . . . . . . . . . . 10 mW/°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com