| Electronic Components Datasheet Search |
|
AD7701 Datasheet(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7701 Datasheet(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() AD7701 REV. D –14– SYNCHRONOUS EXTERNAL CLOCK MODE (SEC) The SEC mode (MODE pin grounded) is designed for direct interface to the synchronous serial ports of industry-standard microprocessors such as the COPS series, 68HC11 and 68HC05. The SEC mode also allows customized interfaces, using I/O port pins, to microprocessors that do not have a direct fit with the AD7701’s other modes. As shown in Figure 20, a falling edge on CS enables the serial data output with the MSB initially valid. Subsequent data bits change on the falling edge of an externally supplied SCLK. After the LSB has been transmitted, DRDY goes high and SDATA goes three-state. If CS is low and the AD7701 is still transmitting data when a new data word becomes available, the old data word continues to be transmitted and the new data is lost. If CS is taken high at any time during data transmission, SDATA and SCLK will go three-state immediately. If CS re- turns low, the AD7701 will continue transmission with the same data bit. If transmission has not been initiated and completed by the time the next data word becomes available, and if CS is high, DRDY will return high for four clock cycles, then fall as the new word is loaded into the output register. CLKIN (I) DRDY (O) SDATA (O) DB15 (MSB) DB14 DB2 DB1 DB0 (LSB) HI-Z HI-Z SCLK (O) HI-Z HI-Z CS (I) 72 CLKIN CYCLES Figure 19. SSC Mode Showing Data Timing Relative to SCLK SCLK (I) SDATA (O) DB15 (MSB) DB14 DB13 DB1 DB0 (LSB) HI-Z HI-Z DRDY (O) CS (I) Figure 20. Timing Diagram for the SEC Mode |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |