Electronic Components Datasheet Search
  English  ▼

X  

AD7709 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7709
Description  16-Bit Sigma Delta ADC with Current Sources, Switchable Reference Inputs and I/O Port
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7709 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7709 Datasheet HTML 9Page - Analog Devices AD7709 Datasheet HTML 10Page - Analog Devices AD7709 Datasheet HTML 11Page - Analog Devices AD7709 Datasheet HTML 12Page - Analog Devices AD7709 Datasheet HTML 13Page - Analog Devices AD7709 Datasheet HTML 14Page - Analog Devices AD7709 Datasheet HTML 15Page - Analog Devices AD7709 Datasheet HTML 16Page - Analog Devices AD7709 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AD7709
–16–
REV. PrA
January 2001
PRELIMINARY TECHNICAL DATA
CONFIG2
RN2
Used in conjunction with RN1 and RN0 to select the analog input range.
CONFIG1
RN1
Used in conjunction with RN2 and RN0 to select the analog input range.
CONFIG0
RN0
Used in conjunction with RN2 and RN1 to select the analog input range.
RN2
RN1
RN0
Selected Main ADC Input Range (Vref=2.5V)
0
0
0
±20mV
0
0
1
±40mV
0
1
0
±80mV
0
1
1
±160mV
1
0
0
±320mV
1
0
1
±640mV
1
1
0
±1.28V
1
1
1
±2.56V
Filter Register:(A1,A0=1,0; Power-On-Reset = 00Hex)
The Filter Register is an 8-bit register from which data can either be read or to which data can be written. This register
determines the amount of averaging performed by the sinc filter. Table VII outlines the bit designations for the Filter
Register. FR7 through FR0 indicate the bit location, FR denoting the bits are in the Filter Register. FR7 denotes the
first bit of the data stream. The number in brackets indicates the power-on/reset default status of that bit. The number in
this register is used to set the decimation factor and thus the output update rate for the ADCs. The filter register cannot
be written to by the user while the ADC is active. The update rate is used for the ADC is calculated as follows :
fadc = 1
X
1
X
fmod
3
8.SF
Where :
fadc =
ADC Output Update Rate
fmod =
Modulator Clock Frequency= 32.768KHz (Main and Aux ADC)
SF =
Decimal Value written to SF Register
FR7
FR6
FR5
FR4
FR3
FR2
FR1
FR0
SF7(0)
SF6(1)
SF5(0)
SF4(0)
SF3(0)
SF2(1)
SF1(0)
SF0(1)
Table VII. Filter Register Bit Designations
The allowable range for SF is 13dec to 255dec. Examples of SF values and corresponding conversion rate (fadc) and time
(tadc) are shown in table XII below. It should also be noted that both ADC input channels are chopped to minimise offset
errors. This means that the time for a single conversion or the time to the first conversion result is
2 X tadc.
Table XII. Update Rate Vs SF Word.
ADC Data Result Register (DATA):(A1,A0=1,1; Power-On-Reset = 000000Hex)
The conversion result for the selected ADC channel is stored in the ADC data register (DATA). This register is 16-bits
wide. This is a read only register. On completion of a read from this register the RDY bit in the status register is cleared.
SF(dec)
SF(hex)
fadc (Hz)
tadc (ms)
13
0D
105.3
9.52
69
45
19.79
50.34
255
FF
5.35
186.77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com