Electronic Components Datasheet Search
  English  ▼

X  

AD7822 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7822
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7822 Datasheet(HTML) 1 Page - Analog Devices

  AD7822 Datasheet HTML 1Page - Analog Devices AD7822 Datasheet HTML 2Page - Analog Devices AD7822 Datasheet HTML 3Page - Analog Devices AD7822 Datasheet HTML 4Page - Analog Devices AD7822 Datasheet HTML 5Page - Analog Devices AD7822 Datasheet HTML 6Page - Analog Devices AD7822 Datasheet HTML 7Page - Analog Devices AD7822 Datasheet HTML 8Page - Analog Devices AD7822 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD7822/AD7825/AD7829
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel
Sampling ADCs
FUNCTIONAL BLOCK DIAGRAM
CONVST
8-BIT
HALF
FLASH
ADC
PARALLEL
PORT
VREFIN/ OUT
EOC
RD
CS
AGND
VMID
A0* A1* A2*
VIN1
COMP
PD*
2.5V
REF
VDD
CONTROL
LOGIC
DGND
INPUT
MUX
VIN2*
VIN3*
VIN4*
VIN5*
VIN6*
VIN7*
VIN8*
T/H
*A0, A1
*A2
*
PD
*VIN2 TO VIN4
*VIN4 TO VIN8
AD7825/AD7829
AD7829
AD7822/AD7825
AD7825/AD7829
AD7829
BUF
DB0
DB7
FEATURES
8-Bit Half-Flash ADC with 420 ns Conversion Time
1, 4 and 8 Single-Ended Analog Input Channels
Available with Input Offset Adjust
On-Chip Track-and-Hold
SNR Performance Given for Input Frequencies Up to
10 MHz
On-Chip Reference (2.5 V)
Automatic Power-Down at the End of Conversion
Wide Operating Supply Range
3 V
10% and 5 V
10%
Input Ranges
0 V to 2 V p-p, VDD = 3 V
10%
0 V to 2.5 V p-p, VDD = 5 V
10%
Flexible Parallel Interface with EOC Pulse to Allow
Stand-Alone Operation
APPLICATIONS
Data Acquisition Systems, DSP Front Ends
Disk Drives
Mobile Communication Systems, Subsampling
Applications
GENERAL DESCRIPTION
The AD7822, AD7825, and AD7829 are high speed, 1-, 4-, and
8-channel, microprocessor-compatible, 8-bit analog-to-digital
converters with a maximum throughput of 2 MSPS. The AD7822,
AD7825, and AD7829 contain an on-chip reference of 2.5 V
(2% tolerance), a track/hold amplifier, a 420 ns 8-bit half-flash
ADC and a high speed parallel interface. The converters can
operate from a single 3 V
± 10% and 5 V ± 10% supply.
The AD7822, AD7825, and AD7829 combine the convert start
and power-down functions at one pin, i.e., the CONVST pin.
This allows a unique automatic power-down at the end of a
conversion to be implemented. The logic level on the CONVST
pin is sampled after the end of a conversion when an EOC (End
of Conversion) signal goes high, and if it is logic low at that
point, the ADC is powered down. The AD7822 and AD7825
also have a separate power-down pin. (See Operating Modes
section of the data sheet.)
The parallel interface is designed to allow easy interfacing to
microprocessors and DSPs. Using only address decoding logic,
the parts are easily mapped into the microprocessor address
space. The EOC pulse allows the ADCs to be used in a stand-
alone manner. (See Parallel Interface section of the data sheet.)
The AD7822 and AD7825 are available in a 20-/24-lead 0.3"
wide, plastic dual-in-line package (DIP), a 20-/24-lead small out-
line IC (SOIC) and a 20-/24-lead thin shrink small outline package
(TSSOP). The AD7829 is available in a 28-lead 0.6" wide, plastic
dual-in-line package (DIP), a 28-lead small outline IC (SOIC) and
in a 28-lead thin shrink small outline package (TSSOP).
PRODUCT HIGHLIGHTS
1. Fast Conversion Time
The AD7822, AD7825, and AD7829 have a conversion time
of 420 ns. Faster conversion times maximize the DSP pro-
cessing time in a real-time system.
2. Analog Input Span Adjustment
The VMID pin allows the user to offset the input span. This
feature can reduce the requirements of single-supply op amps
and take into account any system offsets.
3. FPBW (Full Power Bandwidth) of Track-and-Hold
The track-and-hold amplifier has an excellent high-frequency
performance. The AD7822, AD7825, and AD7829 are
capable of converting full-scale input signals up to a fre-
quency of 10 MHz. This makes the parts ideally suited to
subsampling applications.
4. Channel Selection
Channel selection is made without the necessity of writing to
the part.


Similar Part No. - AD7822

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7822BN AD-AD7822BN Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822BNZ1 AD-AD7822BNZ1 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822BR AD-AD7822BR Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822BR-REEL AD-AD7822BR-REEL Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822BR-REEL7 AD-AD7822BR-REEL7 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
More results

Similar Description - AD7822

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7827 AD-AD7827 Datasheet
185Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV.0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
7/06-Revision 0
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com