Electronic Components Datasheet Search
  English  ▼

X  

AD7822 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7822
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7822 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7822 Datasheet HTML 6Page - Analog Devices AD7822 Datasheet HTML 7Page - Analog Devices AD7822 Datasheet HTML 8Page - Analog Devices AD7822 Datasheet HTML 9Page - Analog Devices AD7822 Datasheet HTML 10Page - Analog Devices AD7822 Datasheet HTML 11Page - Analog Devices AD7822 Datasheet HTML 12Page - Analog Devices AD7822 Datasheet HTML 13Page - Analog Devices AD7822 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD7822/AD7825/AD7829
–10–
REV. B
CONVST
DB0–DB7
A0–A2
EOC
CS
RD
t2
t1
t3
t13
VALID
DATA
ADDRESS CHANNEL y
TRACK CHx
TRACK CHx
HOLD CHx
TRACK CHy
HOLD CHy
120ns
Figure 12. Channel Hopping Timing
There is a minimum time delay between the falling edge of RD
and the next falling edge of the CONVST signal, t13. This is the
minimum acquisition time required of the track-and-hold in
order to maintain 8-bit performance. Figure 13 shows the typical
performance of the AD7825 when channel hopping for various
acquisition times. These results were obtained using an external
reference and internal VMID while channel hopping between
VIN1 and VIN4 with 0 V on Channel 4 and 0.5 V on Channel 1.
ACQUISITION TIME – ns
8.0
5.0
500
10
200
100
50
40
30
20
15
7.5
7.0
6.5
6.0
5.5
8.5
Figure 13. Effective Number of Bits vs. Acquisition Time
for the AD7825
The on-chip track-and-hold can accommodate input frequen-
cies to 10 MHz, making the AD7822, AD7825, and AD7829
ideal for subsampling applications. When the AD7825 is con-
verting a 10 MHz input signal at a sampling rate of 2 MSPS,
the effective number of bits typically remains above seven,
corresponding to a signal-to-noise ratio of 42 dBs as shown
in Figure 14.
INPUT FREQUENCY – MHz
50
38
0.2
10
1
3
4
568
48
46
44
42
40
fSAMPLE = 2MHz
Figure 14. SNR vs. Input Frequency on the AD7825
POWER-UP TIMES
The AD7822/AD7825/AD7829 have a 1
µs power-up time when
using an external reference and a 25
µs power-up time when using
the on-chip reference. When VDD is first connected, the AD7822,
AD7825, and AD7829 are in a low current mode of operation.
Ensure that the CONVST line is not floating when VDD is applied,
as if there is a glitch on CONVST while VDD is rising, the part will
attempt to power up before VDD has fully settled and could enter
an unknown state. In order to carry out a conversion, the AD7822,
AD7825, and AD7829 must first be powered up. The AD7829 is
powered up by a rising edge on the CONVST pin and a conversion
is initiated on the falling edge of CONVST. Figure 15 shows how
to power up the AD7829 when VDD is first connected or after the
AD7829 has been powered down using the CONVST pin when
using either the on-chip, or an external, reference. When using
an external reference, the falling edge of CONVST may occur
before the required power-up time has elapsed; however, the
conversion will not be initiated on the falling edge of CONVST but
rather at the moment when the part has completely powered up,
i.e., after 1
µs. If the falling edge of CONVST occurs after the required
power-up time has elapsed, then it is upon this falling edge that a
conversion is initiated. When using the on-chip reference, it is nec-
essary to wait the required power-up time of approximately 25
µs
before initiating a conversion; i.e., a falling edge on CONVST
may not occur before the required power-up time has elapsed,
when VDD is first connected or after the AD7829 has been powered
down using the CONVST pin as shown in Figure 15.
VDD
tPOWER-UP
1 s
CONVST
VDD
CONVST
tPOWER-UP
25 s
CONVERSION
INITIATED HERE
CONVERSION
INITIATED HERE
EXTERNAL REFERENCE
ON-CHIP REFERENCE
Figure 15. AD7829 Power-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com