Electronic Components Datasheet Search
  English  ▼

X  

AD7834 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7834
Description  LC2MOS Quad 14-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7834 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7834 Datasheet HTML 3Page - Analog Devices AD7834 Datasheet HTML 4Page - Analog Devices AD7834 Datasheet HTML 5Page - Analog Devices AD7834 Datasheet HTML 6Page - Analog Devices AD7834 Datasheet HTML 7Page - Analog Devices AD7834 Datasheet HTML 8Page - Analog Devices AD7834 Datasheet HTML 9Page - Analog Devices AD7834 Datasheet HTML 10Page - Analog Devices AD7834 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7834/AD7835
REV. A
–7–
PIN CONFIGURATIONS
PQFP
PLCC
9
10
11
12
13
7
8
16
17
14
15
21
44
3
4
5
642
41 40
43
35
36
37
38
39
33
34
31
32
29
30
18 19
20
21 22 23 24 25 26 27 28
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
NC
DSGB
VOUT3
VOUT4
DB13
DB12
DB11
AD7835
NC
DSGA
VOUT1
VOUT2
NC
A2
A1
NC = NO CONNECT
A0
CLR
LDAC
BYSHF
DB10
DB9
DB8
DB7
12 13 14 15 16 17
18 19
20
21 22
3
4
5
6
7
1
2
10
11
8
9
40 39 38
41
42
43
44
36 35 34
37
29
30
31
32
27
28
25
26
23
24
33
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
NC
DSGB
VOUT3
VOUT4
DB13
DB12
DB11
AD7835
NC
DSGA
VOUT1
VOUT2
NC
A2
A1
NC = NO CONNECT
A0
CLR
LDAC
BYSHF
DB10
DB9
DB8
DB7
TERMINOLOGY
Relative Accuracy
Relative Accuracy or endpoint linearity is a measure of the max-
imum deviation from a straight line passing through the endpoints
of the DAC transfer function. It is measured after adjusting for
zero error and full-scale error and is normally expressed in Least
Significant Bits or as a percentage of full-scale reading.
Differential Nonlinearity
Differential Nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of 1 LSB maximum
ensures monotonicity.
DC Crosstalk
Although the common input reference voltage signals are inter-
nally buffered, small IR drops in the individual DAC reference
inputs across the die can mean that an update to one channel
can produce a dc output change in one or other of the channel
outputs.
The four DAC outputs are buffered by op amps that share com-
mon VDD and VSS power supplies. If the dc load current changes
in one channel (due to an update), this can result in a further dc
change in one or other channel outputs. This effect is most ob-
vious at high load currents and reduces as the load currents are
reduced. With high impedance loads the effect is virtually
unmeasurable.
Output Voltage Settling Time
This is the amount of time it takes for the output to settle to a
specified level for a full-scale input change.
Digital-to-Analog Glitch Impulse
This is the amount of charge injected into the analog output when
the inputs change state. It is specified as the area of the glitch in
nV-secs. It is measured with the reference inputs connected to 0 V
and the digital inputs toggled between all 1s and all 0s.
Channel-to-Channel Isolation
Channel-to-channel isolation refers to the proportion of input
signal from one DACs reference input which appears at the out-
put of the other DAC. It is expressed in dBs.
The AD7834 has no specification for Channel-to-channel isola-
tion because it has one reference for all DACs. Channel-to-
channel isolation is specified for the AD7835.
DAC-to-DAC Crosstalk
DAC-to-DAC Crosstalk is defined as the glitch impulse that ap-
pears at the output of one converter due to both the digital
change and subsequent analog O/P change at another converter.
It is specified in nV-s.
Digital Crosstalk
The glitch impulse transferred to the output of one converter
due to a change in digital input code to the other converter is
defined as the Digital Crosstalk and is specified in nV-s.
Digital Feedthrough
When the device is not selected, high frequency logic activity on
the device’s digital inputs can be capacitively coupled both
across and through the device to show up as noise on the VOUT
pins. This noise is digital feedthrough.
DC Output Impedance
This is the effective output source resistance. It is dominated by
package lead resistance.
Full-Scale Error
This is the error in DAC output voltage when all 1s are loaded
into the DAC latch. Ideally the output voltage, with all 1s
loaded into the DAC latch, should be VREF(+) – 1 LSB. Full-
Scale Error does not include Zero-Scale Error.
Zero-Scale Error
Zero-Scale Error is the error in the DAC output voltage when
all 0s are loaded into the DAC latch. Ideally the output voltage,
with all 0s in the DAC latch should be equal to VREF(–). Zero-
Scale Error is mainly due to offsets in the output amplifier.
Gain Error
Gain Error is defined as (Full-Scale Error) – (Zero-Scale Error).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com