Electronic Components Datasheet Search
  English  ▼

X  

AD7834 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7834
Description  LC2MOS Quad 14-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7834 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7834 Datasheet HTML 8Page - Analog Devices AD7834 Datasheet HTML 9Page - Analog Devices AD7834 Datasheet HTML 10Page - Analog Devices AD7834 Datasheet HTML 11Page - Analog Devices AD7834 Datasheet HTML 12Page - Analog Devices AD7834 Datasheet HTML 13Page - Analog Devices AD7834 Datasheet HTML 14Page - Analog Devices AD7834 Datasheet HTML 15Page - Analog Devices AD7834 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. A
–14–
AD7834/AD7835
When writing to the DACs, the lower 8 bits must be written
first, followed by the upper 6 bits. The upper 6 bits should be
output on data lines D0 to D5. Once again, the upper address
lines of the processor are decoded to provide a CS signal. They
are also decoded in conjunction with lines A3 to A0 to provide a
LDAC
signal. Alternatively, LDAC can be driven by an exter-
nal timing circuit or, if it’s acceptable to allow the DAC output
to go to an intermediate value between 8-bit writes, LDAC can
be tied low.
Table VI. DAC Selection, 8-Bit Interface
Processor Address Lines
DAC Selected
A3
A2
A1
A0
1
X
X
0
Upper 6 Bits of All DACs
1
X
X
1
Lower 8 Bits of All DACs
0
0
0
0
Upper 6 Bits, DAC 1
0
0
0
1
Lower 8 Bits, DAC 1
0
0
1
0
Upper 6 Bits, DAC 2
0
0
1
1
Lower 8 Bits, DAC 2
0
1
0
0
Upper 6 Bits, DAC 3
0
1
0
1
Lower 8 Bits, DAC 3
0
1
1
0
Upper 6 Bits, DAC 4
0
1
1
1
Lower 8-Bits, DAC 4
APPLICATIONS
Serial Interface to Multiple AD7834s
Figure 27 shows how the Package Address pins of the AD7834
are used to address multiple AD7834s. The figure shows only
10 devices, but up to 32 AD7834s can each be assigned a
*ADDITIONAL PINS
OMITTED FOR CLARITY
AD7834
*
DEVICE 0
PAEN
LDAC
FSYNC
SCLK
DIN
PA0
PA1
PA2
PA3
PA4
VCC
VCC
AD7834
*
DEVICE 9
PAEN
LDAC
FSYNC
SCLK
DIN
PA0
PA1
PA2
PA3
PA4
µCONTROLLER
CONTROL OUT
CONTROL OUT
SYNC OUT
SERIAL CLOCK OUT
SERIAL DATA OUT
AD7834
*
DEVICE 1
PAEN
LDAC
FSYNC
SCLK
DIN
PA0
PA1
PA2
PA3
PA4
Figure 27. Serial Interface to Multiple AD7834s
unique address by hardwiring each of the Package Address pins
to VCC or DGND. Normal operation of the device occurs when
PAEN
is low. When serial data is being written to the AD7834s,
only the device with the same package address as the package
address contained in the serial data will accept data into the
input registers. If, on the other hand, PAEN is high, the package
address is ignored and the data is loaded into the same channel
on each package.
The main limitation with multiple packages is the output update
rate. For example, if an output update rate of 10 kHz is re-
quired, then there are 100
µs to load all DACs. Assuming a se-
rial clock frequency of 10 MHz, it takes 2.5
µs to load data to
one DAC. Thus forty DACs or ten packages can be updated in
this time. As the update rate requirement decreases, the num-
ber of possible packages increases.
Opto-Isolated Interface
In many process control applications it is necessary to provide
an isolation barrier between the controller and the unit being
controlled. Opto-isolators can provide voltage isolation in ex-
cess of 3 kV. The serial loading structure of the AD7834 makes
it ideal for opto-isolated interfaces as the number of interface
lines is kept to a minimum. Figure 28 shows a 5-channel iso-
lated interface to the AD7834. Multiple devices are connected
to the outputs of the opto-coupler and controlled as explained
above. To reduce the number of opto-isolators, the PAEN line
doesn’t need to be controlled if it is not used. If the PAEN line
is not controlled by the microcontroller then it should be tied
low at each device. If simultaneous updating of the DACs is not
required, then LDAC pin on each part can be tied permanently
low and a further opto-isolator is not needed.
µCONTROLLER
CONTROL OUT
CONTROL OUT
SYNC OUT
SERIAL CLOCK OUT
SERIAL DATA OUT
OPTO-COUPLER
VCC
TO
PAENs
TO
LDACs
TO
FSYNCs
TO SCLKs
TO DINs
Figure 28. Opto-Isolated Interface
Automated Test Equipment
The AD7834/AD7835 is particularly suited for use in an auto-
mated test environment. Figure 29 shows the AD7835 provid-
ing the necessary voltages for the pin driver and the window
comparator in a typical ATE pin electronics configuration. Two
AD588s are used to provide reference voltages for the AD7835.
In the configuration shown, the AD588s are configured so that
the voltage at Pin 1 is 5 V greater than the voltage at Pin 9 and
the voltage at Pin 15 is 5 V less than the voltage at Pin 9.
One of the AD588s is used as a reference for DACs 1 and 2.
These DACs are used to provide high and low levels for the pin
driver. The pin driver may have an associated offset. This can
be nulled by applying an offset voltage to Pin 9 of the AD588.
First, the code 1000 . . . 0000 is loaded into the DAC1 latch
and the pin driver output is set to the DAC1 output. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com