Electronic Components Datasheet Search
  English  ▼

X  

AD7834 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7834
Description  LC2MOS Quad 14-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7834 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7834 Datasheet HTML 4Page - Analog Devices AD7834 Datasheet HTML 5Page - Analog Devices AD7834 Datasheet HTML 6Page - Analog Devices AD7834 Datasheet HTML 7Page - Analog Devices AD7834 Datasheet HTML 8Page - Analog Devices AD7834 Datasheet HTML 9Page - Analog Devices AD7834 Datasheet HTML 10Page - Analog Devices AD7834 Datasheet HTML 11Page - Analog Devices AD7834 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
–8–
AD7834/AD7835–Typical Performance Characteristics
CODE/1000
1.0
0.8
–1.0
0.4
0.2
0.0
–0.2
0.6
–0.4
–0.6
–0.8
02
16
46
8
10
12
14
Figure 3. Typical INL Plot
VREF(+) – Volts
0.5
0.45
0
0.35
0.3
0.25
0.2
0.4
0.15
0.1
0.05
08
2.5
5
DAC 1
DAC 3
DAC 4
DAC 2
TEMP = +25
°C
ALL DACs FROM 1 DEVICE
Figure 6. Typical INL vs. VREF(+)
(VREF(+) – VREF(–) = 5 V)
0.7
0.6
–0.2
0.4
0.3
0.2
0.1
0.5
0
–0.1
VERT = 100mV/DIV
HORIZ = 1µs/DIV
Figure 9. Typical Digital/Analog
Glitch Impulse
VREF(+) – Volts
0.9
0.8
0
0.6
0.5
0.2
0.1
0.7
0.4
0.3
8
01234567
Figure 5. Typical INL vs. VREF(+)
(VREF(–) = –6 V)
CODE/1000
1.0
0.8
–1.0
0.4
0.2
0.0
–0.2
0.6
–0.4
–0.6
–0.8
02
16
46
8
10
12
14
Figure 8. Typical DAC-to-DAC
Matching
8
6
–4
2
0
–2
4
–2.985
–3.005
–3.045
–3.065
–3.085
–3.025
VERT = 2V/DIV
HORIZ = 1µs/DIV
VERT = 10mV/DIV
HORIZ = 1µs/DIV
VREF(+) = +7V
VREF(–) = –3V
–3.105
Figure 11. Settling Time (–)
CODE/1000
0.5
0.4
–0.5
0.2
0.1
0.0
–0.1
0.3
–0.2
–0.3
–0.4
02
16
4
6
8
10
12
14
Figure 4. Typical DNL Plot
DAC 4
TEMPERATURE –
°C
0.8
0.7
0
–40
+85
+25
0.5
0.4
0.3
0.2
0.6
0.1
DAC 1
DAC 2
DAC 3
ALL DACs FROM ONE DEVICE
Figure 7. Typical INL vs.
Temperature
8
6
–4
2
0
–2
4
7.25
7.225
7.175
7.15
7.125
7.2
VERT = 2V/DIV
HORIZ = 1.2µs/DIV
VERT = 25mV/DIV
HORIZ = 2.5µs/DIV
VREF(+) = +7V
VREF(–) = –3V
7.1
Figure 10. Settling Time (+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com