Electronic Components Datasheet Search
  English  ▼

X  

AD7864 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7864
Description  4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7864 Datasheet(HTML) 1 Page - Analog Devices

  AD7864 Datasheet HTML 1Page - Analog Devices AD7864 Datasheet HTML 2Page - Analog Devices AD7864 Datasheet HTML 3Page - Analog Devices AD7864 Datasheet HTML 4Page - Analog Devices AD7864 Datasheet HTML 5Page - Analog Devices AD7864 Datasheet HTML 6Page - Analog Devices AD7864 Datasheet HTML 7Page - Analog Devices AD7864 Datasheet HTML 8Page - Analog Devices AD7864 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7864
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
4-Channel, Simultaneous
Sampling, High Speed, 12-Bit ADC
FUNCTIONAL BLOCK DIAGRAM
STBY
FRSTDATA
INT/EXT CLOCK
SELECT
OUTPUT
DATA
REGISTERS
2.5V
REFERENCE
SIGNAL
SCALING
VIN1A
VIN1B
VIN2A
VIN2B
VIN3A
VIN3B
VIN4A
VIN4B
BUSY
SIGNAL
SCALING
SIGNAL
SCALING
SIGNAL
SCALING
TRACK/HOLD
4
EOC
WR
CS
DB0
DB11
RD
AGND
DGND
VDRIVE
DVDD
VREF GND
VREF
AVDD
6k
AD7864
12-BIT
ADC
SOFTWARE
LATCH
CONVERSION
CONTROL LOGIC
MUX
CONVST SL1 SL2 SL3 SL4 H/S
SEL
CLKIN
INT/EXT
CLK
AGND AGND
INT
CLOCK
DB0–DB3
FEATURES
High Speed (1.65
s) 12-Bit ADC
Four Simultaneously Sampled Inputs
Four Track/Hold Amplifiers
0.35
s Track/Hold Acquisition Time
1.65
s Conversion Time per Channel
HW/SW Select of Channel Sequence for Conversion
Single Supply Operation
Selection of Input Ranges:
10 V,
5 V for AD7864-1
2.5 V for AD7864-3
0 V to 2.5 V, 0 V to 5 V for AD7864-2
High Speed Parallel Interface Which Also Allows
Interfacing to 3 V Processors
Low Power, 90 mW Typ
Power Saving Mode, 20
W Typ
Overvoltage Protection on Analog Inputs
APPLICATIONS
AC Motor Control
Uninterrupted Power Supplies
Data Acquisition Systems
Communications
GENERAL DESCRIPTION
The AD7864 is a high speed, low power, 4-channel simulta-
neous sampling 12-bit A/D converter that operates from a single
+5 V supply. The part contains a 1.65
µs successive approxima-
tion ADC, four track/hold amplifiers, 2.5 V reference, on-chip
clock oscillator, signal conditioning circuitry and a high speed
parallel interface. The input signals on four channels are
sampled simultaneously, thus preserving the relative phase infor-
mation of the signals on the four analog inputs. The part accepts
analog input ranges of
±10 V, ±5 V (AD7864-1), 0 V to 2.5 V,
0 V to 5 V for AD7864-2 and
±2.5 V (AD7864-3).
The part allows any subset of the four channels to be converted
in order to maximize the throughput rate on the selected se-
quence. The channels to be converted can be selected via either
hardware (channel select input pins) or software (programming
the channel select register).
A single conversion start signal (
CONVST) simultaneously
places all the track/holds into hold and initiates conversion se-
quence for the selected channels. The
EOC signal indicates the end
of each individual conversion in the selected conversion sequence.
The BUSY signal indicates the end of the conversion sequence.
Data is read from the part by means of a 12-bit parallel data
bus using the standard
CS and RD signals. Maximum through-
put for a single channel is 500 kSPS. For all four channels the
maximum throughput is 130 kSPS for the read during conver-
sion sequence operation. The throughput rate for the read after
conversion sequence operation will depend on the read cycle
time of the processor. See Timing and Control section.
The AD7864 is available in a small (0.3 sq. inch area) 44-lead
MQFP.
PRODUCT HIGHLIGHTS
1. The AD7864 features four Track/Hold amplifiers and a fast
(1.65
µs) ADC allowing simultaneous sampling and then
conversion of any subset of the four channels.
2. The AD7864 operates from a single +5 V supply and consumes
only 90 mW typ making it ideal for low power and portable
applications. Also see Standby Mode Operation.
3. The part offers a high speed parallel interface for easy con-
nection to microprocessors, microcontrollers and digital
signal processors.
4. The part is offered in three versions with different analog
input ranges. The AD7864-1 offers the standard industrial
input ranges of
±10 V and ±5 V; the AD7864-3 offers the
common signal processing input range of
±2.5 V; the
AD7864-2 can be used in unipolar 0 V to 2.5 V, 0 V to 5 V
applications.
5. The part features very tight aperture delay matching between
the four input sample-and-hold amplifiers.


Similar Part No. - AD7864

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7864 AD-AD7864 Datasheet
673Kb / 29P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
2/09-Rev. C to Rev. D
AD7864ASZ-1 AD-AD7864ASZ-1 Datasheet
673Kb / 29P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
2/09-Rev. C to Rev. D
AD7864ASZ-12 AD-AD7864ASZ-12 Datasheet
760Kb / 28P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7864ASZ-1REEL AD-AD7864ASZ-1REEL Datasheet
673Kb / 29P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
2/09-Rev. C to Rev. D
AD7864ASZ-1REEL2 AD-AD7864ASZ-1REEL2 Datasheet
760Kb / 28P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
More results

Similar Description - AD7864

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7864 AD-AD7864_09 Datasheet
760Kb / 28P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7864 AD-AD7864_15 Datasheet
760Kb / 28P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
logo
Linear Technology
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
logo
Analog Devices
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7864 AD-AD7864_17 Datasheet
673Kb / 29P
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
2/09-Rev. C to Rev. D
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com