Electronic Components Datasheet Search
  English  ▼

X  

AD7864 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7864
Description  4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7864 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7864 Datasheet HTML 10Page - Analog Devices AD7864 Datasheet HTML 11Page - Analog Devices AD7864 Datasheet HTML 12Page - Analog Devices AD7864 Datasheet HTML 13Page - Analog Devices AD7864 Datasheet HTML 14Page - Analog Devices AD7864 Datasheet HTML 15Page - Analog Devices AD7864 Datasheet HTML 16Page - Analog Devices AD7864 Datasheet HTML 17Page - Analog Devices AD7864 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AD7864
–14–
REV. A
low. At this point the logic output FRSTDATA will go logic
high to indicate that the output data register pointer is address-
ing Register Number 1. When
CS and RD are both logic low
the contents of the addressed register are enabled onto the data
bus (DB0–DB11).
When reading the output data registers after a conversion
sequence, i.e., when BUSY goes low, the register pointer is
incremented on the rising edge of the
RD signal as shown in
Figure 12. However, when reading the conversion results during
the conversion sequence the pointer will not be incremented
until a valid conversion result is in the register to be addressed.
In this case the pointer is incremented when the conversion has
ended and the result has been transferred to the output data
register. This happens just prior to
EOC going low, therefore
EOC may be used to enable the register contents onto the data
bus as described in Reading During the Conversion Sequence.
The pointer is reset to point to Register 1 on the rising edge of
the
RD signal when the last conversion result in the sequence is
being read. In the example shown this means the pointer is set
to Register 1 when the contents of Register 3 are read.
DB0 TO DB11
O/P
DRIVERS
OE #1
NOT VALID
(VIN3)
(VIN1)
(VIN4)
OE #2
OE #3
OE #4
2-BIT
COUNTER
VDRIVE
OE
RD
CS
RESET
OUTPUT DATA REGISTERS
*THE POINTER WILL NOT BE INCREMENTED BY A RISING EDGE ON
RD UNTIL
THE CONVERSION RESULT IS IN THE OUTPUT DATA REGISTER. THE POINTER
IS RESET WHEN THE LAST CONVERSION RESULT IS READ
FRSTDATA
POINTER*
AD7864
Figure 12. Output Data Registers
OFFSET AND FULL-SCALE ADJUSTMENT
In most Digital Signal Processing (DSP) applications, offset and
full-scale errors have little or no effect on system performance.
Offset error can always be eliminated in the analog domain by
ac coupling. Full-scale error effect is linear and does not cause
problems as long as the input signal is within the full dynamic
range of the ADC. Invariably, some applications will require
that the input signal span the full analog input dynamic range.
In such applications, offset and full-scale error will have to be
adjusted to zero.
Figure 13 shows a circuit which can be used to adjust the offset
and full-scale errors on the AD7864 (VA1 on the AD7864-1
version is shown for example purposes only). Where adjustment
is required, offset error must be adjusted before full-scale error.
This is achieved by trimming the offset of the op amp driving
the analog input of the AD7864 while the input voltage is a
1/2 LSB below analog ground. The trim procedure is as follows:
apply a voltage of –2.44 mV (–1/2 LSB) at V1 in Figure 13 and
adjust the op amp offset voltage until the ADC output code
flickers between 1111 1111 1111 and 0000 0000 0000.
Gain error can be adjusted at either the first code transition
(ADC negative full scale) or the last code transition (ADC posi-
tive full scale). The trim procedures for both cases are as follows.
Positive Full-Scale Adjust
Apply a voltage of +9.9927 V (FS – 3/2 LSBs) at V1. Adjust R2
until the ADC output code flickers between 0111 1111 1110
and 0111 1111 1111.
Negative Full-Scale Adjust
Apply a voltage of –9.9976 V (–FS + 1/2 LSB) at V1 and adjust
R2 until the ADC output code flickers between 1000 0000
0000 and 1000 0000 0001.
An alternative scheme for adjusting full-scale error in systems
which use an external reference is to adjust the voltage at the
VREF pin until the full-scale error for any of the channels is
adjusted out. The good full-scale matching of the channels will
ensure small full-scale errors on the other channels.
V1
R1
10k
R2
500
R3
10k
AGND
AD7864*
*ADDITIONAL PINS OMITTED FOR CLARITY
INPUT
RANGE =
10V
10k
R5
10k
R4
VINXA
Figure 13. Full-Scale Adjust Circuit
DYNAMIC SPECIFICATIONS
The AD7864 is specified and 100% tested for dynamic perfor-
mance specifications as well as traditional dc specifications such
as integral and differential nonlinearity. These ac specifications
are required for the signal processing applications such as
phased array sonar, adaptive filters and spectrum analysis.
These applications require information on the ADC’s effect on
the spectral content of the input signal. Hence, the parameters
for which the AD7864 is specified include SNR, harmonic distor-
tion, intermodulation distortion and peak harmonics. These terms
are discussed in more detail in the following sections.
Signal-to-Noise Ratio (SNR)
SNR is the measured signal to noise ratio at the output of the
ADC. The signal is the rms magnitude of the fundamental.
Noise is the rms sum of all the nonfundamental signals up to
half the sampling frequency (fS/2) excluding dc. SNR is depen-
dent upon the number of quantization levels used in the digiti-
zation process; the more levels, the smaller the quantization
noise. The theoretical signal to noise ratio for a sine wave input
is given by
SNR = (6.02N + 1.76) dB
(1)
where N is the number of bits.
Thus for an ideal 12-bit converter, SNR = 74 dB.
Figure 14 shows a histogram plot for 8192 conversions of a dc
input using the AD7864 with 5 V supply. The analog input was
set at the center of a code. It can be seen that all the codes
appear in the one output bin indicating very good noise perfor-
mance from the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com