Electronic Components Datasheet Search
  English  ▼

X  

AD7864 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7864
Description  4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7864 Datasheet(HTML) 3 Page - Analog Devices

  AD7864 Datasheet HTML 1Page - Analog Devices AD7864 Datasheet HTML 2Page - Analog Devices AD7864 Datasheet HTML 3Page - Analog Devices AD7864 Datasheet HTML 4Page - Analog Devices AD7864 Datasheet HTML 5Page - Analog Devices AD7864 Datasheet HTML 6Page - Analog Devices AD7864 Datasheet HTML 7Page - Analog Devices AD7864 Datasheet HTML 8Page - Analog Devices AD7864 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
–3–
REV. A
AD7864
Parameter
A Version
1
B Version
Units
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
µA max
Input Capacitance, CIN
4
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
V min
ISOURCE = 400
µA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 1.6 mA
DB11–DB0
High Impedance
Leakage Current
±10
±10
µA max
Capacitance
4
10
10
pF max
Output Coding
AD7864-1, AD7864-3
Twos Complement
AD7864-2
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
1.65
1.65
µs max
For One Channel
Track/Hold Acquisition Time2, 3
0.35
0.35
µs max
Throughput Time
130
130
kSPS max
For All Four Channels
POWER REQUIREMENTS
VDD
+5
+5
V nom
±5% for Specified Performance
IDD
(5
µA typ) Logic Inputs = 0 V or V
DD
Normal Mode
24
24
mA max
Standby Mode
20
20
µA max
Typically 4
µA
Power Dissipation
Normal Mode
120
120
mW max
Typically 90 mW
Standby Mode
100
100
µW max
Typically 20
µW
NOTES
1Temperature ranges are as follows: A, B Versions: –40
°C to +85°C. Note: The A Version is fully specified up to +105°C with degraded INL and DNL specifications
of
± 2 LSBs max.
2Performance measured through full channel (SHA and ADC).
3See Terminology.
4Sample tested @ +25
°C to ensure compliance.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com