Electronic Components Datasheet Search
  English  ▼

X  

AD7870 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7870
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7870 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7870 Datasheet HTML 2Page - Analog Devices AD7870 Datasheet HTML 3Page - Analog Devices AD7870 Datasheet HTML 4Page - Analog Devices AD7870 Datasheet HTML 5Page - Analog Devices AD7870 Datasheet HTML 6Page - Analog Devices AD7870 Datasheet HTML 7Page - Analog Devices AD7870 Datasheet HTML 8Page - Analog Devices AD7870 Datasheet HTML 9Page - Analog Devices AD7870 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. B
AD7870/AD7875/AD7876
–6–
PIN FUNCTION DESCRIPTION
DIP
Pin
Pin No.
Mnemonic
Function
1
RD
Read. Active low logic input. This input is used in conjunction with
CS low to enable the data outputs.
2
BUSY/INT
Busy/Interrupt, Active low logic output indicating converter status. See timing diagrams.
3
CLK
Clock input. An external TTL-compatible clock may be applied to this input pin. Alternatively, tying this pin to
VSS enables the internal laser-trimmed clock oscillator.
4
DB11/HBEN
Data Bit 11 (MSB)/High Byte Enable. The function of this pin is dependent on the state of the 12/
8/CLK input (see
below). When 12-bit parallel data is selected, this pin provides the DB11 output. When byte data is selected, this pin
becomes the HBEN logic input HBEN is used for 8-bit bus interfacing. When HBEN is low, DB7/LOW to DB0/DB8
become DB7 to DB0. With HBEN high, DB7/LOW to DB0/DB8 are used for the upper byte of data (see Table I).
5
DB10/
SSTRB Data Bit 10/Serial Strobe. When 12-bit parallel data is selected, this pin provides the DB10 output. SSTRB is an
active low open-drain output that provides a strobe or framing pulse for serial data. An external 4.7 k
Ω pull-up
resistor is required on
SSTRB.
6
DB9/SCLK
Data Bit 9/Serial Clock. When 12-bit parallel data is selected, this pin provides the DB9 output. SCLK is the gated
serial clock output derived from the internal or external ADC clock. If the 12/
8/CLK input is at –5 V, then SCLK
runs continuously. If 12/
8/CLK is at 0 V, then SCLK is gated off after serial transmission is complete. SCLK is an
open-drain output and requires an external 2 k
Ω pull-up resistor.
7
DB8/SDATA
Data Bit 8/Serial Data. When 12-bit parallel data is selected, this pin provides the DB8 output. SDATA is an open-
drain serial data output which is used with SCLK and
SSTRB for serial data transfer. Serial data is valid on the fall-
ing edge of SCLK while
SSTRB is low. An external 4.7 k
Ω pull-up resistor is required on SDATA.
8–11
DB7/LOW–
Three-state data outputs controlled by
CS and RD. Their function depends on the 12/8/CLK and HBEN inputs.
DB4/LOW
With 12/
8/CLK high, they are always DB7–DB4. With 12/8/CLK low or –5 V, their function is controlled by HBEN
(see Table I).
12
DGND
Digital Ground. Ground reference for digital circuitry.
13–16
DB3/DB11–
Three-state data outputs which are controlled by
CS and RD. Their function depends on the 12/8/CLK and HBEN
DB0/DB8
inputs. With 12/
8/CLK high, they are always DB3–DB0. With 12/8/CLK low or –5 V, their function is controlled by
HBEN (see Table I).
Table I. Output Data for Byte Interfacing
HBEN
DB7/LOW DB6/LOW
DB5/LOW DB4/LOW
DB3/DB11
DB2/DB10
DB1/DB9 DB0/DB8
HIGH
LOW
LOW
LOW
LOW
DB11(MSB)
DB10
DB9
DB8
LOW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
17
VDD
Positive Supply, +5 V
± 5%.
18
AGND
Analog Ground. Ground reference for track/hold, reference and DAC.
19
REF OUT
Voltage Reference Output. The internal 3 V reference is provided at this pin. The external load capability is 500
µA.
20
VIN
Analog Input. The analog input range is
±3 V for the AD7870, ±10 V for the AD7876 and 0 V to +5 V for the AD7875.
21
VSS
Negative Supply, –5 V
± 5%.
22
12/
8/CLK
Three Function Input. Defines the data format and serial clock format. With this pin at +5 V, the output data for-
mat is 12-bit parallel only. With this pin at 0 V, either byte or serial data is available and SCLK is not continuous.
With this pin at –5 V, either byte or serial data is again available but SCLK is now continuous.
23
CONVST
Convert Start. A low to high transition on this input puts the track/hold into its hold mode and starts conversion.
This input is asynchronous to the CLK input.
24
CS
Chip Select. Active low logic input. The device is selected when this input is active. With
CONVST tied low, a new
conversion is initiated when
CS goes low.
DIP and SOIC
2
PLCC
2
PIN CONFIGURATIONS
1
1PIN CONFIGURATIONS ARE THE SAME FOR
THE AD7875 AND AD7876.
2THE AD7870 AND AD7875 ARE AVAILABLE IN
DIP AND PLCC; THE AD7870A IS AVAILABLE IN
PLASTIC DIP; THE AD7875 AND AD7876 ARE
AVAILABLE IN SOIC AND DIP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com