Electronic Components Datasheet Search
  English  ▼

X  

AD7870 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7870
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7870 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7870 Datasheet HTML 7Page - Analog Devices AD7870 Datasheet HTML 8Page - Analog Devices AD7870 Datasheet HTML 9Page - Analog Devices AD7870 Datasheet HTML 10Page - Analog Devices AD7870 Datasheet HTML 11Page - Analog Devices AD7870 Datasheet HTML 12Page - Analog Devices AD7870 Datasheet HTML 13Page - Analog Devices AD7870 Datasheet HTML 14Page - Analog Devices AD7870 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. B
2
AD7870/AD7875/AD7876
–11–
Figure 12. Mode 2 Timing Diagram, Byte or Serial Read
The Mode 2 timing diagram for byte and serial data is shown in
Figure 12. For two-byte data read, the lower byte (DB0–DB7)
has to be accessed first since HBEN must be low to start con-
version. The ADC behaves like slow memory for this first read,
but the second read to access the upper byte of data is a normal
read. Operation of the serial functions is identical between
Mode 1 and Mode 2. The timing diagram of Figure 12 shows
both a noncontinuously and a continuously running SCLK
(dashed line).
DYNAMIC SPECIFICATIONS
The AD7870 and AD7875 are specified and 100% tested for
dynamic performance specifications as well as traditional dc
specifications such as integral and differential nonlinearity. Al-
though the AD7876 is not production tested for ac parameters,
its dynamic performance is similar to the AD7870 and AD7875.
The ac specifications are required for signal processing applica-
tions such as speech recognition, spectrum analysis and high
speed modems. These applications require information on the
ADC’s effect on the spectral content of the input signal. Hence,
the parameters for which the AD7870 and AD7875 are speci-
fied include SNR, harmonic distortion, intermodulation distor-
tion and peak harmonics. These terms are discussed in more
detail in the following sections.
Signal-to-Noise Ratio (SNR)
SNR is the measured signal-to-noise ratio at the output of the
ADC. The signal is the rms magnitude of the fundamental.
Noise is the rms sum of all the nonfundamental signals up to
half the sampling frequency (FS/2) excluding dc. SNR is depen-
dent upon the number of quantization levels used in the digiti-
zation process; the more levels, the smaller the quantization
noise. The theoretical signal-to-noise ratio for a sine wave input
is given by
SNR = (6.02N + 1.76) dB
(1)
where N is the number of bits. Thus for an ideal 12-bit con-
verter, SNR = 74 dB.
sine-wave signal of very low distortion to the VIN input which is
sampled at a 100 kHz sampling rate. A Fast Fourier Transform
(FFT) plot is generated from which the SNR data can be ob-
tained. Figure 13 shows a typical 2048 point FFT plot of the
AD7870KN/AD7875KN with an input signal of 25 kHz and a
sampling frequency of 100 kHz. The SNR obtained from this
graph is 72.6 dB. It should be noted that the harmonics are
taken into account when calculating the SNR.
Figure 13. FFT Plot
Effective Number of Bits
The formula given in (1) relates SNR to the number of bits.
Rewriting the formula, as in (2), it is possible to get a measure
of performance expressed in effective number of bits (N).
N =
(2)
The effective number of bits for a device can be calculated di-
rectly from its measured SNR.
SNR – 1.76
6.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com