Electronic Components Datasheet Search
  English  ▼

X  

AD7870 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7870
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7870 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7870 Datasheet HTML 8Page - Analog Devices AD7870 Datasheet HTML 9Page - Analog Devices AD7870 Datasheet HTML 10Page - Analog Devices AD7870 Datasheet HTML 11Page - Analog Devices AD7870 Datasheet HTML 12Page - Analog Devices AD7870 Datasheet HTML 13Page - Analog Devices AD7870 Datasheet HTML 14Page - Analog Devices AD7870 Datasheet HTML 15Page - Analog Devices AD7870 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. B
AD7870/AD7875/AD7876
–12–
Figure 15. IMD Plot
AC Linearity Plot
When a sine wave of specified frequency is applied to the VIN
input of the AD7870/AD7875 and several million samples are
taken, a histogram showing the frequency of occurrence of each
of the 4096 ADC codes can be generated. From this histogram
data it is possible to generate an ac integral linearity plot as
shown in Figure 16. This shows very good integral linearity per-
formance from the AD7870/AD7875 at an input frequency of
25 kHz. The absence of large spikes in the plot shows good dif-
ferential linearity. Simplified versions of the formulae used are
outlined below.
INL(i) =
V ( i )– V ( o )
V ( fs )– V ( o )
⋅ 4096
–i
where INL(i) is the integral linearity at code i. V(fs) and V(o)
are the estimated full-scale and offset transitions and V(i) is the
estimated transition for the i
th code.
V(i) the estimated code transition point is derived as follows:
V(i) = –A • Cos
π⋅ cum(i )
[]
N
where A is the peak signal amplitude,
N is the number of histogram samples
and cum(i) =
Σi
n=0
V(n) occurrences
Figure 16. AC INL Plot
Figure 14 shows a typical plot of effective number of bits versus
frequency for an AD7870KN/AD7875KN with a sampling fre-
quency of 100 kHz. The effective number of bits typically falls
between 11.7 and 11.85 corresponding to SNR figures of 72.2
and 73.1 dB.
Figure 14. Effective Number of Bits vs. Frequency
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the rms value
of the fundamental. For the AD7870/AD7875, THD is defined
as
THD = 20 log
V 22 +V32 +V42 +V5
2
+V
6
2
V1
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5 and V6 are the rms amplitudes of the second through the
sixth harmonic. The THD is also derived from the FFT plot of
the ADC output spectrum.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa
± nfb where
m, n = 0, 1, 2, 3, etc. Intermodulation terms are those for which
neither m nor n are equal to zero. For example, the second or-
der terms include (fa + fb) and (fa – fb), while the third order
terms include (2fa + fb), (2fa – fb), (fa + 2fb) and (fa – 2fb).
Using the CCIF standard, where two input frequencies near the
top end of the input bandwidth are used, the second and third
order terms are of different significance. The second order terms
are usually distanced in frequency from the original sine waves
while the third order terms are usually at a frequency close to
the input frequencies. As a result, the second and third order
terms are specified separately. The calculation of the intermodu-
lation distortion is as per the THD specification where it is the
ratio of the rms sum of the individual distortion products to the
rms amplitude of the fundamental expressed in dBs. In this
case, the input consists of two, equal amplitude, low distortion
sine waves. Figure 15 shows a typical IMD plot for the AD7870/
AD7875.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the
rms value of the next largest component in the ADC output
spectrum (up to FS/2 and excluding dc) to the rms value of the
fundamental. Normally, the value of this specification will be
determined by the largest harmonic in the spectrum, but for
parts where the harmonics are buried in the noise floor the peak
will be a noise peak.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com