Electronic Components Datasheet Search
  English  ▼

X  

AD795 Datasheet(PDF) 8 Page - Analog Devices

Part # AD795
Description  Low Power, Low Noise Precision FET Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD795 Datasheet HTML 4Page - Analog Devices AD795 Datasheet HTML 5Page - Analog Devices AD795 Datasheet HTML 6Page - Analog Devices AD795 Datasheet HTML 7Page - Analog Devices AD795 Datasheet HTML 8Page - Analog Devices AD795 Datasheet HTML 9Page - Analog Devices AD795 Datasheet HTML 10Page - Analog Devices AD795 Datasheet HTML 11Page - Analog Devices AD795 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD795
REV. A
–8–
10
90
100
5V
20V
5
µs
0%
Figure 25. Unity Gain Inverter
Large Signal Pulse Response
10
90
100
5V
20V
5
µs
0%
Figure 28. Unity Gain Follower
Large Signal Pulse Response
7
6
4
3
2
10k
Ω
V
IN
–V
S
0.1
µF
R
L
10k
Ω
V
OUT
10k
Ω
C
L
100pF
0.1
µF
+V
S
AD795
Figure 24. Unity Gain Inverter
7
6
4
3
2
V
IN
–V
S
0.1
µF
R
L
10k
Ω
V
OUT
C
L
100pF
0.1
µF
+V
S
AD795
Figure 27. Unity Gain Follower
10
90
100
10mV
500n s
0%
Figure 26. Unity Gain Inverter
Small Signal Pulse Response
10
90
100
20mV
500n s
0%
Figure 29. Unity Gain Follower
Small Signal Pulse Response
MINIMIZING INPUT CURRENT
The AD795 is guaranteed to 1 pA max input current with
±15
volt supply voltage at room temperature. Careful attention to
how the amplifier is used will maintain or possibly better this
performance.
The amplifier’s operating temperature should be kept as low as
possible. Like other JFET input amplifier’s, the AD795’s input
current will double for every 10
°C rise in junction temperature
(illustrated in Figure 6). On-chip power dissipation will raise the
device operating temperature, causing an increase in input
current. Reducing supply voltage to cut power dissipation will
reduce the AD795’s input current (Figure 4). Heavy output
loads can also increase chip temperature, maintaining a
minimum load resistance of 10 k
Ω is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com