Electronic Components Datasheet Search
  English  ▼

X  

AD795 Datasheet(PDF) 10 Page - Analog Devices

Part # AD795
Description  Low Power, Low Noise Precision FET Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD795 Datasheet HTML 6Page - Analog Devices AD795 Datasheet HTML 7Page - Analog Devices AD795 Datasheet HTML 8Page - Analog Devices AD795 Datasheet HTML 9Page - Analog Devices AD795 Datasheet HTML 10Page - Analog Devices AD795 Datasheet HTML 11Page - Analog Devices AD795 Datasheet HTML 12Page - Analog Devices AD795 Datasheet HTML 13Page - Analog Devices AD795 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD795
REV. A
–10–
Leakage through the bulk of the circuit board will still occur
with the guarding schemes shown in Figures 31 and 32. Stan-
dard “G10” type printed circuit board material may not have
high enough volume resistivity to hold leakages at the sub-
picoampere level particularly under high humidity conditions.
One option that eliminates all effects of board resistance is
shown in Figure 33. The AD795’s sensitive input pin (either
Pin 2 when connected as an inverter, or Pin 3 when connected
as a follower) is bent up and soldered directly to a Teflon*
insulated standoff. Both the signal input and feedback compo-
nent leads must also be insulated from the circuit board by
Teflon standoffs or low-leakage shielded cable.
1
2
3
4
8
7
6
5
AD795
AD795
TEFLON INSULATED STANDOFF
INPUT SIGNAL
LEAD
INPUT PIN:
PIN 2 FOR INVERTER
OR PIN 3 FOR FOLLOWER
PC
BOARD
Figure 33. Input Pin to Insulating Standoff
Contaminants such as solder flux on the board’s surface and on
the amplifier’s package can greatly reduce the insulation resis-
tance between the input pin and those traces with supply or
signal voltages. Both the package and the board must be kept
clean and dry. An effective cleaning procedure is to first swab
the surface with high grade isopropyl alcohol, then rinse it with
deionized water and, finally, bake it at 100
°C for 1 hour. Poly-
propylene and polystyrene capacitors should not be subjected to
the 100
°C bake as they will be damaged at temperatures greater
than 80
°C.
Other guidelines include making the circuit layout as compact
as possible and reducing the length of input lines. Keeping
circuit board components rigid and minimizing vibration will
reduce triboelectric and piezoelectric effects. All precision high
impedance circuitry requires shielding from electrical noise and
interference. For example, a ground plane should be used under
all high value (i.e., greater than 1 M
Ω) feedback resistors. In
some cases, a shield placed over the resistors, or even the entire
amplifier, may be needed to minimize electrical interference
originating from other circuits. Referring to the equation in
Figure 30, this coupling can take place in either, or both, of two
different forms—coupling via time varying fields:
dV
dT
CP
or by injection of parasitic currents by changes in capacitance
due to mechanical vibration:
dCp
dT
V
*Teflon is a registered trademark of E.I. du Pont Co.
Both proper shielding and rigid mechanical mounting of
components help minimize error currents from both of these
sources.
OFFSET NULLING
The AD795’s input offset voltage can be nulled (mini-DIP
package only) by using balance Pins 1 and 5, as shown in
Figure 34. Nulling the input offset voltage in this fashion will
introduce an added input offset voltage drift component of
2.4
µV/°C per millivolt of nulled offset.
1
6
5
4
3
2
AD795
7
+VS
VOUT
100k
Ω
–VS
+
–
Figure 34. Standard Offset Null Circuit
The circuit in Figure 35 can be used when the amplifier is used
as an inverter. This method introduces a small voltage in series
with the amplifier’s positive input terminal. The amplifier’s
input offset voltage drift with temperature is not affected.
However, variation of the power supply voltages will cause
offset shifts.
6
3
2
AD795
RI
VOUT
RF
VI
+
–
499k
Ω
499k
Ω
200
Ω
0.1
µF
100k
Ω
+VS
–VS
+
–
Figure 35. Alternate Offset Null Circuit for Inverter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com